Electronic Components Datasheet Search
  English  ▼

X  

AD2428BCPZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD2428BCPZ
Description  Automotive Audio Bus A2B Transceiver
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD2428BCPZ Datasheet(HTML) 5 Page - Analog Devices

  AD2428BCPZ Datasheet HTML 1Page - Analog Devices AD2428BCPZ Datasheet HTML 2Page - Analog Devices AD2428BCPZ Datasheet HTML 3Page - Analog Devices AD2428BCPZ Datasheet HTML 4Page - Analog Devices AD2428BCPZ Datasheet HTML 5Page - Analog Devices AD2428BCPZ Datasheet HTML 6Page - Analog Devices AD2428BCPZ Datasheet HTML 7Page - Analog Devices AD2428BCPZ Datasheet HTML 8Page - Analog Devices AD2428BCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
AD2420(W)/AD2426(W)/AD2427(W)/AD2428(W)/AD2429(W)
Rev. C
|
Page 5 of 38
|
July 2021
I2C INTERFACE
The I2C interface in the transceiver provides access to the inter-
nal registers. Operation is not guaranteed above the VI2C_VBUS
specification. The I2C interface has the following features:
• Slave functionality in the A2B master
• Master or slave functionality in the A2B slave
• Multimaster support in the A2B slave
• 100 kbps or 400 kbps rate operation
• 7-bit addressing
• Single-word and burst mode read and write operations
•Clock stretching
All transceivers can be accessed by a locally connected processor
using the 7-bit I2C device address (BASE_ADDR) established by
the logic levels applied to the ADR2/IO2 and ADR1/IO1 pins at
power-on reset, thus providing for up to four master devices
connecting to the same I2C bus. A slave configured transceiver
recognizes only this I2C device address. A master configured
transceiver, however, also recognizes a second I2C device
address for remote access to slave nodes over the A2B bus
(BUS_ADDR). The least significant bit (LSB) of the 7-bit device
address determines whether an I2C data exchange uses the
BASE_ADDR (Bit 1 = 0) to access the transceiver or
BUS_ADDR (Bit 1 = 1) to access a bus node slave transceiver
through a master configured AD2425W transceiver. See the
AD2420(W)/6(W)/7(W)/8(W)/9(W) Automotive Audio Bus A2B
Transceiver Technical Reference for details.
I2S/TDM INTERFACE
The I2S/TDM serial port operates in full-duplex mode, where
both the transmitter and receiver operate simultaneously using
the same critical timing bit clock (BCLK) and synchronization
(SYNC) pins. A2B slave transceivers generate the timing signals
on the BCLK and SYNC output pins. A2B master transceivers
use the same BCLK and SYNC pins as inputs, which are driven
by the host device. The I2S/TDM port includes the following
features:
• Programmable clock and frame sync timing and polarity
• Numerous TDM operating modes
• 16- or 32-bit data width
• Simultaneous operation with PDM port
• Single- or dual-pin input/output (I/O)
Figure 3. A2B Superframe
Figure 4. A2B Bus Synchronous Data Exchange
SYNCH
CONTROL
FRAME
DOWNSTREAM
A2B DATA SLOTS
SYNCH
RESPONSE
FRAME
UPSTREAM
A2B DATA SLOTS
SYNCH
CONTROL
FRAME
SUPERFRAME: 20.83 s FOR 48kHz SAMPLING RATE
MASTER NODE
I2S TX
DATA
I2S RX
DATA
A2B DATA
I2S UPSTREAM DATA N - 2
SLAVE NODE
I2S UPSTREAM DATA N - 1I2S UPSTREAM DATA N
I2S DOWNSTREAM DATA M
I2S DOWNSTREAM DATA M + 1I2S DOWNSTREAM DATA M + 2
I2S UPSTREAM DATA N
I2S UPSTREAM DATA N + 1
I2S UPSTREAM DATA N + 2
I2S DOWNSTREAM DATA M - 2I2S DOWNSTREAM DATA M - 1I2S DOWNSTREAM DATA M
DNSTREAM
A2B DATA
M-1
UPSTREAM
A2B DATA
N-1
DNSTREAM
A2B DATA
M
UPSTREAM
A2B DATA
N
DNSTREAM
A2B DATA
M+1
UPSTREAM
A2B DATA
N+1
SUPERFRAME
I2S RX
DATA
I2S TX
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com