Electronic Components Datasheet Search
  English  ▼

X  

562160 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 562160
Description  Mini slide
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

562160 Datasheet(HTML) 1 Page - Festo Corporation.

  562160 Datasheet HTML 1Page - Festo Corporation. 562160 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mini slide
EGSL-BS-35-50-8P
Part number: 562160
Data sheet
Feature
Value
Working stroke
50 mm
Size
35
Run. parallelism along Z-axis
0.02 mm
Parallelism
0.05 mm
Reversing backlash
≤50 µm
Screw diameter
8 mm
Spindle pitch
8 mm/U
Mounting position
Any
Guide
Ball bearing cage guide
Structural design
Electrical mini-slide
Guide
with ball screw drive
Motor type
Stepper motor
Servo motor
Spindle type
Ball screw drive
Symbol
00992069
Position sensing
For proximity sensor
Max. acceleration
25 m/s²
Max. speed
0.5 m/s
Repetition accuracy
±0.015 mm
Duty cycle
100%
Corrosion resistance class (CRC)
0 - No corrosion stress
Noise level
60 dB(A)
Degree of protection
IP40
Ambient temperature
0 °C ... 60 °C
Continuous feed force
50 N
Max. driving torque
0.2 Nm
Max. force Fy
412 N
Max. force Fz
412 N
Max. torque Mx
6.2 Nm
Max. torque My
6 Nm
Max. torque Mz
6 Nm
Max. radial force on actuator shaft
20 N
Max. feed force Fx
75 N
No-load driving torque
0.015 Nm
Guide value for payload, horizontal
2 kg
5/26/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 562160

ManufacturerPart #DatasheetDescription
logo
Systemsensor advanced i...
5621 SYSTEMSENSOR-5621 Datasheet
320Kb / 2P
Mechanical Heat Detectors
logo
Gamewell-FCI by Honeywe...
5621 GAMEWELL-FCI-5621 Datasheet
60Kb / 1P
MECHANICAL HEAT DETECTORS
logo
Bourns Electronic Solut...
5621-RC BOURNS-5621-RC Datasheet
428Kb / 1P
High Current Chokes
logo
Festo Corporation.
562150 FESTO-562150 Datasheet
79Kb / 1P
Adapter kit
562151 FESTO-562151 Datasheet
79Kb / 1P
Adapter kit
More results

Similar Description - 562160

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
DGST-10-10-PA FESTO-DGST-10-10-PA Datasheet
92Kb / 2P
Mini slide
DGST-10-40-PA FESTO-DGST-10-40-PA Datasheet
92Kb / 2P
Mini slide
DGST-12-50-Y12A FESTO-DGST-12-50-Y12A Datasheet
91Kb / 2P
Mini slide
DGST-12-80-E1A FESTO-DGST-12-80-E1A Datasheet
89Kb / 2P
Mini slide
DGST-12-80-Y12A FESTO-DGST-12-80-Y12A Datasheet
91Kb / 2P
Mini slide
DGST-16-20-E1A FESTO-DGST-16-20-E1A Datasheet
89Kb / 2P
Mini slide
DGST-16-40-Y12A FESTO-DGST-16-40-Y12A Datasheet
91Kb / 2P
Mini slide
DGST-16-50-PA FESTO-DGST-16-50-PA Datasheet
91Kb / 2P
Mini slide
DGST-20-10-E1A FESTO-DGST-20-10-E1A Datasheet
94Kb / 2P
Mini slide
DGST-20-30-E1A FESTO-DGST-20-30-E1A Datasheet
95Kb / 2P
Mini slide
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com