Electronic Components Datasheet Search
  English  ▼

X  

562160 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 562160
Description  Mini slide
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

562160 Datasheet(HTML) 2 Page - Festo Corporation.

  562160 Datasheet HTML 1Page - Festo Corporation. 562160 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Guide value for payload, vertical
2 kg
Mass moment of inertia JL per kg of payload
0.0162 kgcm²
Mass moment of inertia JO
0.0426 kgcm²
Feed constant
8 mm/U
Maintenance interval
Life-time lubrication
Moving mass
270 g
Product weight
570 g
Type of mounting
With internal thread
With centering sleeve
With accessories
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
Cover material
Cast aluminum
Painted
Guide rail material
Roller bearing steel
Housing material
Wrought aluminum alloy
Anodized
Material of yoke plate
Wrought aluminum alloy
Anodized
Spindle nut material
Roller bearing steel
Spindle material
Roller bearing steel
5/26/22 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com