Electronic Components Datasheet Search
  English  ▼

X  

MP4T632539 Datasheet(PDF) 2 Page - M-pulse Microwave Inc.

Part # MP4T632539
Description  3 Volt, General Purpose Low Noise High fT Silicon Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP4T632539 Datasheet(HTML) 2 Page - M-pulse Microwave Inc.

  MP4T632539 Datasheet HTML 1Page - M-pulse Microwave Inc. MP4T632539 Datasheet HTML 2Page - M-pulse Microwave Inc. MP4T632539 Datasheet HTML 3Page - M-pulse Microwave Inc. MP4T632539 Datasheet HTML 4Page - M-pulse Microwave Inc. MP4T632539 Datasheet HTML 5Page - M-pulse Microwave Inc. MP4T632539 Datasheet HTML 6Page - M-pulse Microwave Inc. MP4T632539 Datasheet HTML 7Page - M-pulse Microwave Inc. MP4T632539 Datasheet HTML 8Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
3 Volt, General Purpose Low Noise High fT Silicon Transistor
Specification Subject to Change Without Notice
M-Pulse Microwave____________________________________________________________________________________
2
576 Charcot Avemue, San Jose, California 95131
Tel (408) 432-1480
Fax (408)) 432-3440
MP4T6325 Series
Electrical Specifications at 25
°C
Symbol
Parameters
Test
Conditions
Units
MP4T632500
Chip
MP4T632533
SOT-23
MP4T632535
Micro-X
MP4T632539
SOT-143
fT
Gain Bandwidth
Product
VCE = 3V
IC = 10 mA
GHz
11 typ.
10 typ.
11 typ.
11 typ.
|S21E|
2
Insertion Power
Gain
VCE = 3V
IC = 10 mA
f = 1 GHz
f = 2 GHz
dB
12 typ.
8 typ.
11 typ.
7 typ.
12 typ.
8 typ.
11 typ.
7 typ.
NF
Noise Figure
VCE = 3V
IC = 2 mA
f = 1 GHz
dB
1.5 typ.
1.6 typ.
1.5 typ.
1.6 typ.
GTU (max)
Unilateral Gain
VCE = 3V
IC = 10 mA
f = 1 GHz
f = 2 GHz
dB
14.5 typ.
9 typ.
13 typ.
8 typ.
14.5 typ.
9 typ.
13 typ.
8 typ.
MAG
Maximum
Available Gain
VCE = 3V
IC = 10 mA
f = 2 GHz
dB
10 typ.
9 typ.
10 typ.
9 typ.
P1dB
Power Out at 1dB
Compression
VCE = 3V
IC = 15 mA
f = 900MHz
dBm
8 typ.
8 typ.
8 typ.
8 typ.
RTH (J-A)
Thermal
Resistance
Junction/
Ambient
°C/W
650 typ.
500 typ.
625 typ.
RTH (J-C)
Thermal
Resistance
Junction/
Case
°C/W
70 max.
1
200 typ.
200 typ.
200 typ.
1.
Junction/Heat Sink RTH (J-C)
Maximum Ratings at 25
°C
Parameter
Symbol
Maximum Rating
Collector Base Voltage
VCBO
8 V
Collector-Emitter Voltage
VCEO
6 V
Emitter-Base Voltage
VEBO
1.5 V
Collector Current
IC
25 mA
Junction Temperature
Tj
200
°C
Storage Temperature
Chips or Ceramic Packages
TSTG
-65
°C to +200°C
Plastic Packages
-65
°C to +125°C
Power Dissiapation
PD
150mW
1
1.
See Typical Performance Curves for power derating.
Electrical Specifications at 25
°C
Parameters
Conditions
Symbol
Min.
Typ.
Max.
Units
Collector Cut-off Current
VCB = 5 V
IE = 0
ICBO
100
nA
Emitter Cut-off Current
VEB = 1 V
IC = 0
IEBO
1
µA
Forward Current Gain
VCE = 3 V
IC = 3 mA
hFE
20
90
200
Collector Base
Junction Capacitance
VCB = 3 V
IE = 0
f = 1 MHz
COB
0.52
0.70
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com