Electronic Components Datasheet Search
  English  ▼

X  

MP4T632539 Datasheet(PDF) 3 Page - M-pulse Microwave Inc.

Part # MP4T632539
Description  3 Volt, General Purpose Low Noise High fT Silicon Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP4T632539 Datasheet(HTML) 3 Page - M-pulse Microwave Inc.

  MP4T632539 Datasheet HTML 1Page - M-pulse Microwave Inc. MP4T632539 Datasheet HTML 2Page - M-pulse Microwave Inc. MP4T632539 Datasheet HTML 3Page - M-pulse Microwave Inc. MP4T632539 Datasheet HTML 4Page - M-pulse Microwave Inc. MP4T632539 Datasheet HTML 5Page - M-pulse Microwave Inc. MP4T632539 Datasheet HTML 6Page - M-pulse Microwave Inc. MP4T632539 Datasheet HTML 7Page - M-pulse Microwave Inc. MP4T632539 Datasheet HTML 8Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3 Volt, General Purpose Low Noise High fT Silicon Transistor
Specification Subject to Change Without Notice
M-Pulse Microwave____________________________________________________________________________________
3
576 Charcot Avemue, San Jose, California 95131
Tel (408) 432-1480
Fax (408)) 432-3440
MP4T6325 Series
MP4T632535
Typical Scattering Parameters in the MIcro-X Package
VCE = 3 Volts, IC = 5 mA
Frequency
S11E
S21E
S12E
S22E
(MHz)
Mag.
Angle
Mag.
Angle
Mag.
Angle
Mag
Angle
500
0.486
-80.5
7.164
119.8
0.077
56.6
0.628
-45.8
1000
0.338
-128.0
4.508
93.4
0.112
51.9
0.424
-58.8
1500
0.294
-156.3
3.219
78.1
0.144
50.2
0.345
-65.9
2000
0.284
169.8
2.533
66.1
0.179
47.8
0.305
-74.9
2500
0.283
160.9
2.123
55.5
0.210
44.7
0.280
-83.1
3000
0.281
144.6
1.835
46.3
0.240
41.8
0.266
-90.8
3500
0.290
132.5
1.678
36.8
0.272
36.7
0.256
-103.7
4000
0.320
119.4
1.546
28.3
0.301
33.2
0.254
-113.8
4500
0.333
106.6
1.434
18.9
0.323
29.0
0.245
-125.4
5000
0.358
94.9
1.354
11.5
0.349
25.1
0.241
-135.9
5500
0.382
82.7
1.290
4.0
0.375
21.4
0.246
-146.1
6000
0.405
72.7
1.238
-4.0
0.397
17.7
0.255
-158.0
VCE = 3 Volts, IC = 10 mA
Frequency
S11E
S21E
S12E
S22E
(MHz)
Mag.
Angle
Mag.
Angle
Mag.
Angle
Mag
Angle
500
0.326
-116.9
8.628
108.6
0.060
60.9
0.505
-48.5
1000
0.288
-158.6
4.808
86.7
0.098
60.0
0.351
-56.2
1500
0.288
174.6
3.337
73.4
0.135
57.7
0.302
-61.8
2000
0.305
160.8
2.608
62.3
0.170
53.7
0.275
-71.7
2500
0.319
145.8
2.172
52.2
0.204
49.7
0.256
-80.2
3000
0.330
131.0
1.863
43.2
0.234
45.8
0.245
-88.1
3500
0.335
121.4
1.696
34.5
0.268
41.0
0.245
-101.8
4000
0.372
110.2
1.559
25.9
0.299
36.8
0.245
-112.9
4500
0.385
99.4
1.444
16.9
0.322
32.7
0.240
-125.3
5000
0.417
88.6
1.361
9.4
0.350
28.3
0.237
-136.8
5500
0.445
77.1
1.294
3.2
0.379
24.1
0.242
-148.0
6000
0.468
67.4
1.236
-6.0
0.401
20.3
0.253
-160.2
VCE = 3 Volts, IC = 15 mA
Frequency
S11E
S21E
S12E
S22E
(MHz)
Mag.
Angle
Mag.
Angle
Mag.
Angle
Mag
Angle
500
0.286
-136.7
9.912
104.1
0.053
65.0
0.428
-50.5
1000
0.278
-173.6
5.355
84.5
0.092
64.6
0.295
-55.5
1500
0.287
168.5
3.679
72.6
0.132
60.8
0.263
-60.3
2000
0.317
149.8
2.875
61.7
0.165
56.6
0.236
-70.3
2500
0.334
135.8
2.377
52.0
0.200
52.2
0.222
-77.5
3000
0.354
121.6
2.029
43.0
0.230
47.7
0.215
-84.3
3500
0.355
112.4
1.834
34.6
0.265
42.7
0.218
-97.2
4000
0.382
100.2
1.653
26.7
0.290
38.9
0.220
-103.8
4500
0.408
92.3
1.552
17.3
0.317
34.1
0.218
-117.6
5000
0.440
82.1
1.456
10.0
0.344
29.7
0.213
-127.1
5500
0.471
71.3
1.377
2.2
0.372
25.2
0.212
-137.0
6000
0.492
62.2
1.312
-5.5
0.392
21.3
0.218
-147.9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com