Electronic Components Datasheet Search
  English  ▼

X  

8083721 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 8083721
Description  Mini slide unit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8083721 Datasheet(HTML) 1 Page - Festo Corporation.

  8083721 Datasheet HTML 1Page - Festo Corporation. 8083721 Datasheet HTML 2Page - Festo Corporation. 8083721 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Mini slide unit
EGSS-BS-KF-60-200-12P-ST-M-H1-PLK-AA
Part number: 8083721
Data sheet
Feature
Value
Working stroke
200 mm
Size
60
Stroke reserve
0 mm
Reversing backlash
150 µm
Screw diameter
12 mm
Spindle pitch
12 mm/U
Mounting position
Any
Guide
Recirculating ball bearing guide
Structural design
Electrical mini-slide
with ball screw drive
With integrated drive
Motor type
Stepper motor
Homing
Fixed stop block positive
Fixed stop block, negative
Reference switch
Spindle type
Ball screw drive
Symbol
00997294
Position sensing
Motor encoder
For proximity sensor
Rotor position sensor
Absolute encoder, single-turn
Rotor position sensor measuring principle
Magnetic
Additional functions
User interface
Integrated end-position sensing
Display
LED
Ready status indication
LED
Max. acceleration
5 m/s²
Max. speed
0.24 m/s
Repetition accuracy
±0.015 mm
Characteristics of digital logic outputs
Configurable
Not galvanically isolated
Duty cycle
100%
Insulation protection class
B
Max. current of digital logic outputs
100 mA
Max. current consumption
5300 mA
DC nominal voltage
24 V
Nominal current
5.3 A
Parameterization interface
IO-Link®
User interface
5/26/22 - Subject to change - Festo SE & Co. KG
1/3


Similar Part No. - 8083721

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8083720 FESTO-8083720 Datasheet
99Kb / 3P
Mini slide unit
5/26/22
More results

Similar Description - 8083721

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8083716 FESTO-8083716 Datasheet
99Kb / 3P
Mini slide unit
5/26/22
8083717 FESTO-8083717 Datasheet
100Kb / 3P
Mini slide unit
5/26/22
8083718 FESTO-8083718 Datasheet
99Kb / 3P
Mini slide unit
5/26/22
8083802 FESTO-8083802 Datasheet
102Kb / 3P
Mini slide unit
5/26/22
8083803 FESTO-8083803 Datasheet
101Kb / 3P
Mini slide unit
5/26/22
8083815 FESTO-8083815 Datasheet
99Kb / 3P
Mini slide unit
5/26/22
8083816 FESTO-8083816 Datasheet
99Kb / 3P
Mini slide unit
5/26/22
8083817 FESTO-8083817 Datasheet
99Kb / 3P
Mini slide unit
5/26/22
8083818 FESTO-8083818 Datasheet
99Kb / 3P
Mini slide unit
5/26/22
8083819 FESTO-8083819 Datasheet
99Kb / 3P
Mini slide unit
5/26/22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com