Electronic Components Datasheet Search
  English  ▼

X  

8083721 Datasheet(PDF) 3 Page - Festo Corporation.

Part # 8083721
Description  Mini slide unit
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

8083721 Datasheet(HTML) 3 Page - Festo Corporation.

  8083721 Datasheet HTML 1Page - Festo Corporation. 8083721 Datasheet HTML 2Page - Festo Corporation. 8083721 Datasheet HTML 3Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Feature
Value
IO-Link®, protocol version
Device V 1.1
IO-Link®, communication mode
COM3 (230.4 kBd)
IO-Link®, port class
A
IO-Link®, number of ports
1
IO-Link®, process data width OUT
2 Byte
IO-Link®, process data content OUT
1 bit (move in)
1 bit (move out)
1 bit (quit error)
IO-Link®, process data width IN
2 Byte
IO-Link®, process data content IN
1 bit (state device)
1 bit (state move)
1 bit (state in)
1 bit (state out)
IO-Link®, service data contents IN
32 bit force
32 bit position
32 bit speed
IO-Link®, minimum cycle time
1 ms
IO-Link®, data memory required
500 byte
Max. cable length
15 m outputs
15 m inputs
20 m for IO-Link® operation
Switching logic at outputs
PNP (positive switching)
Input switching logic
PNP (positive switching)
IO-Link®, Connection technology
Plug
Logic interface, connection type
Plug
Logic interface, connection technology
M12x1, A-coded as per EN 61076-2-101
Logic interface, number of poles/wires
8
Logic interface, connection pattern
00992264
Type of mounting
With internal thread
With centering sleeve
With accessories
With cylindrical pin
Note on materials
RoHS-compliant
Slide carriage material
Roller bearing steel
Guide rail material
Roller bearing steel
Housing material
Wrought aluminum alloy, anodized
Material of yoke plate
Wrought aluminum alloy, anodized
Piston rod material
High-alloy stainless steel
Slide material
Wrought aluminum alloy, anodized
Spindle nut material
Roller bearing steel
Spindle material
Roller bearing steel
5/26/22 - Subject to change - Festo SE & Co. KG
3/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com