Electronic Components Datasheet Search
  English  ▼

X  

DF82V Datasheet(PDF) 2 Page - Schneider Electric

Part # DF82V
Description  Fuse carrier TeSys DF, 2P 25A, fuse size 8.5x31.5 mm, blown fuse indicator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DF82V Datasheet(HTML) 2 Page - Schneider Electric

  DF82V Datasheet HTML 1Page - Schneider Electric DF82V Datasheet HTML 2Page - Schneider Electric DF82V Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Connections - terminals
screw clamp terminals 1 0.00…0.02 in² (1…16 mm²)rigid
screw clamp terminals 2 0.00…0.01 in² (1…6 mm²)rigid
screw clamp terminals 1 0.00…0.02 in² (1…16 mm²)flexible with or without
screw clamp terminals 2 0.00…0.01 in² (1…6 mm²)flexible with or without
Tightening torque
19.47 lbf.in (2.2 N.m) PZ2
19.47 lbf.in (2.2 N.m) flat Ø 5.5 mm
Height
3.13 in (79.5 mm)
Width
1.38 in (35 mm)
Depth
2.40 in (61 mm)
Net Weight
0.19 lb(US) (0.085 kg)
Quantity per Set
Set of 6
Environment
Ambient air temperature for
storage
-40…158 °F (-40…70 °C)
Ambient air temperature for
operation
-40…158 °F (-40…70 °C) with derating above 20°C
Operating altitude
0...6561.68 ft (0...2000 m) without derating
IP degree of protection
IP20
Pollution degree
3
Fire resistance
1760 °F (960 °C) IEC 60695-2-1
Compatibility code
DF8
Ordering and shipping details
Category
21714-DF FUSEHOLDERS
Discount Schedule
CP1
GTIN
3389119407175
Nbr. of units in pkg.
1
Package weight(Lbs)
3.17 oz (90.0 g)
Returnability
No
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
1.38 in (3.5 cm)
Package 1 width
2.44 in (6.2 cm)
Package 1 Length
3.15 in (8 cm)
Unit Type of Package 2
BB1
Number of Units in Package 2
6
Package 2 Weight
20.28 oz (575.0 g)
Package 2 Height
2.76 in (7 cm)
Package 2 width
3.35 in (8.5 cm)
Package 2 Length
8.74 in (22.2 cm)
Unit Type of Package 3
S03
Number of Units in Package 3
96
Package 3 Weight
21.28 lb(US) (9.654 kg)
Package 3 Height
11.81 in (30 cm)
2
May 30, 2022



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com