Electronic Components Datasheet Search
  English  ▼

X  

DF82V Datasheet(PDF) 1 Page - Schneider Electric

Part # DF82V
Description  Fuse carrier TeSys DF, 2P 25A, fuse size 8.5x31.5 mm, blown fuse indicator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DF82V Datasheet(HTML) 1 Page - Schneider Electric

  DF82V Datasheet HTML 1Page - Schneider Electric DF82V Datasheet HTML 2Page - Schneider Electric DF82V Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Specifications
Fuse carrier TeSys DF, 2P 25A,
fuse size 8.5x31.5 mm, blown fuse
indicator
DF82V
Price* : 29.40 USD
Main
Range
TeSys
Product name
TeSys DF
Product or Component Type
Fuse carrier
Device short name
DF8
Product compatibility
DF2BA fuse cartridge
DF2BN fuse cartridge
Poles description
2P
Fuse size
8.3 x 31.5 mm
Fuse type
, gG
, aM
Control type
Toggle padlockable
Local signalling
Blown fuse indication
Utilisation category
AC-20B IEC 60947-3
[Ue] rated operational voltage
400 V AC
[Ie] rated operational current
25 A 400 V AC
[Ith] conventional free air
thermal current
25 A 68 °F (20 °C)
[Ui] rated insulation voltage
500 V AC
[Uimp] rated impulse withstand
voltage
6 kV
Overvoltage category
III
Short-circuit withstand
20 kA 400 V IEC 60947-3
Power dissipation in W
2.5 W maximum power dissipation by fuse
Complementary
Standards
EN/IEC 60947-3
EN/IEC 60269-2
Product certifications
IEC
EAC
DNV-GL
Mounting Support
35 mm symmetrical DIN rail
Mounting position
Vertical +/- 23°)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
May 30, 2022
1


Similar Part No. - DF82V

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DF82V SCHNEIDER-DF82V Datasheet
100Kb / 3P
Fuse carrier TeSys DF, 2P 25A, fuse size 8.5x31.5 mm, blown fuse indicator
Jul 12, 2021
More results

Similar Description - DF82V

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DF222V SCHNEIDER-DF222V Datasheet
134Kb / 3P
Fuse carrier TeSys DF, 2P 125A, fuse size 22x58 mm, blown fuse indicator
Jul 12, 2021
DF83NV SCHNEIDER-DF83NV Datasheet
115Kb / 3P
Fuse carrier TeSys DF, 3PN 25A, fuse size 8.5x31.5 mm, blown fuse indicator
Jul 12, 2021
DF82V SCHNEIDER-DF82V Datasheet
100Kb / 3P
Fuse carrier TeSys DF, 2P 25A, fuse size 8.5x31.5 mm, blown fuse indicator
Jul 12, 2021
DF82 SCHNEIDER-DF82 Datasheet
100Kb / 3P
Fuse carrier TeSys DF, 2P 25A, fuse size 8.5x31.5 mm
Jul 12, 2021
DF81V SCHNEIDER-DF81V Datasheet
91Kb / 3P
Fuse carrier TeSys DF, 1P 25A, fuse size 8.5x31.5 mm, blown fuse indicator
Jul 12, 2021
DF81NV SCHNEIDER-DF81NV Datasheet
100Kb / 3P
Fuse carrier TeSys DF, 1PN 25A, fuse size 8.5x31.5 mm, blown fuse indicator
Jul 12, 2021
DF81V SCHNEIDER-DF81V_V01 Datasheet
103Kb / 3P
Fuse carrier TeSys DF, 1P 25A, fuse size 8.5x31.5 mm, blown fuse indicator
May 30, 2022
DF81NV SCHNEIDER-DF81NV_V01 Datasheet
113Kb / 3P
Fuse carrier TeSys DF, 1PN 25A, fuse size 8.5x31.5 mm, blown fuse indicator
Jun 2, 2022
DF82 SCHNEIDER-DF82_V01 Datasheet
113Kb / 3P
Fuse carrier TeSys DF, 2P 25A, fuse size 8.5x31.5 mm
Jun 2, 2022
DF83NV SCHNEIDER-DF83NV_V01 Datasheet
128Kb / 3P
Fuse carrier TeSys DF, 3PN 25A, fuse size 8.5x31.5 mm, blown fuse indicator
Jun 2, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com