Electronic Components Datasheet Search
  English  ▼

X  

MP42141 Datasheet(PDF) 3 Page - M-pulse Microwave Inc.

Part # MP42141
Description  Silicon Bipolar Low Noise Microwave Transistors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPLUSE [M-pulse Microwave Inc.]
Direct Link  http://www.mpulsemw.com
Logo MPLUSE - M-pulse Microwave Inc.

MP42141 Datasheet(HTML) 3 Page - M-pulse Microwave Inc.

  MP42141 Datasheet HTML 1Page - M-pulse Microwave Inc. MP42141 Datasheet HTML 2Page - M-pulse Microwave Inc. MP42141 Datasheet HTML 3Page - M-pulse Microwave Inc. MP42141 Datasheet HTML 4Page - M-pulse Microwave Inc. MP42141 Datasheet HTML 5Page - M-pulse Microwave Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Silicon Bipolar High fT Low Noise Microwave Transistors
MP42141 Series
Specification Subject to Change Without Notice
M-Pulse Microwave____________________________________________________________________________________
3
576 Charcot Avemue, San Jose, California 95131
Tel (408) 432-1480
Fax (408)) 432-3440
Electrical Specifications @ 25
°C
MP42141 Series
Parameter
Condition
Symbol
Min
Typical
Max
Units
Collector Cut-off Current
VCB = 10 volts
ICBO
100
nA
IE = 0
µA
Emitter Cut-off Current
VEB = 1 volt
IEBO
1
µA
IC = 0
µA
Forward Current Gain
VCE = 10 volts
hFE
20
125
250
IC = 5 mA
Collector-Base
Junction Capacitance
VCB = 15 volts
f = 1 MHz
CCB
----
1.0
pF (35)
Typical Scattering Parameters
MP42141-511, VCE = 10 Volts, IC = 5 mA
Frequency
S11E
S21E
S12E
S22E
(MHz)
Mag.
Angle
Mag.
Angle
Mag.
Angle
Mag
Angle
400
.626
-112.9
7.563
110.3
.044
43.0
.726
-34.3
500
.618
-125.0
6.425
102.1
.046
38.9
.660
-32.9
800
.577
-150.8
4.363
84.7
.054
34.3
.616
-38.6
1200
.566
-170.1
3.073
67.7
.062
32.9
.577
-43.1
1600
.661
-175.9
2.344
54.1
.069
32.6
.578
-50.4
2000
.561
166.2
1.894
43.2
.078
32.6
.571
-63.6
2400
.597
156.6
1.608
30.6
.084
30.3
.572
-70.8
2800
.506
147.8
1.408
17.9
.093
27.0
.565
-81.4
3200
.630
141.1
1.200
6.8
.099
24.6
.583
-90.7
3600
.651
133.7
1.072
-4.6
.106
21.7
.597
-102.6
4000
.643
132.9
.933
-6.5
.109
24.7
.599
-109.2
4400
.643
127.7
.796
-18.4
.112
21.4
.637
-121.6
4800
.656
122.7
.702
-28.8
.123
17.0
.686
-135.2
5000
.652
120.1
.657
-34.1
.123
14.0
.693
-142.1
MP42141-511, VCE = 15 Volts, IC = 15 mA
Frequency
S11E
S21E
S12E
S22E
(MHz)
Mag.
Angle
Mag.
Angle
Mag.
Angle
Mag
Angle
400
.537
-143.2
10.294
100.9
.026
45.4
.608
-31.2
500
.547
-152.2
8.564
93.7
.028
46.0
.569
-29.3
800
.548
-170.2
5.694
79.2
.036
47.2
.562
-33.5
1200
.550
-176.9
3.867
65.9
.046
48.7
.532
-37.3
1600
.562
166.4
2.946
53.6
.056
48.0
.539
-43.9
2000
.579
158.8
2.383
43.8
.067
47.2
.539
-56.9
2400
.601
150.8
2.010
32.1
.074
43.4
.537
-63.4
2800
.608
143.3
1.755
20.0
.083
39.7
.530
-73.5
3200
.643
137.0
1.505
10.4
.091
36.6
.553
-82.5
3600
.657
130.1
1.338
-.0
.098
33.5
.560
-94.1
4000
.654
129.7
1.188
-1.4
.104
36.2
.565
-99.8
4400
.648
124.6
1.017
-13.3
.107
32.5
.600
-112.7
4800
.665
120.1
.905
-23.4
.120
27.5
.648
-125.9
5000
.650
117.2
.849
-28.9
.121
24.4
.657
-133.0



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com