Electronic Components Datasheet Search
  English  ▼

X  

MPC5646C Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MPC5646C
Description  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5646C Datasheet(HTML) 1 Page - NXP Semiconductors

  MPC5646C Datasheet HTML 1Page - NXP Semiconductors MPC5646C Datasheet HTML 2Page - NXP Semiconductors MPC5646C Datasheet HTML 3Page - NXP Semiconductors MPC5646C Datasheet HTML 4Page - NXP Semiconductors MPC5646C Datasheet HTML 5Page - NXP Semiconductors MPC5646C Datasheet HTML 6Page - NXP Semiconductors MPC5646C Datasheet HTML 7Page - NXP Semiconductors MPC5646C Datasheet HTML 8Page - NXP Semiconductors MPC5646C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 116 page
background image
NXP Semiconductors
Data Sheet: Technical Data
Document Number: MPC5646C
Rev. 7, 11/2021
NXP reserves the right to change the proudction detail specifications as may be
required to permit improvements in the design of its products
MPC5646C
176-pin LQFP
(24 mm x 24 mm)
208-pin LQFP
(28 mm x 28 mm)
256 MAPBGA
(17 mm x 17 mm)
On-chip modules available within the family include the following
features:
•
e200z4d dual issue, 32-bit core Power Architecture
compliant CPU
—
Up to 120 MHz
—
4 KB, 2/4-Way Set Associative Instruction Cache
—
Variable length encoding (VLE)
—
Embedded floating-point (FPU) unit
—
Supports Nexus3+
•
e200z0h single issue, 32-bit core Power Architecture compliant
CPU
—
Up to 80 MHz
—
Variable length encoding (VLE)
—
Supports Nexus3+
•
Up to 3 MB on-chip flash memory: flash page buffers to improve
access time
•
Up to 256 KB on-chip SRAM
•
64 KB on-chip data flash memory to support EEPROM emulation
•
Up to 16 semaphores across all slave ports
•
User selectable MBIST
•
Low-power modes supported: STOP, HALT, STANDBY
•
16 region Memory Protection Unit (MPU)
•
Dual-core Interrupt Controller (INTC). Interrupt sources can be
routed to e200z4d, e200z0h, or both
•
Crossbar switch architecture for concurrent access to peripherals,
flash memory, and SRAM from multiple bus masters
•
32 channel eDMA controller with DMAMUX
•
Timer supports input/output channels providing 16-bit input
capture, output compare, and PWM functions (eMIOS)
•
2 analog-to-digital converters (ADC): one 10-bit and one 12-bit
•
Cross Trigger Unit (CTU) to enable synchronization of ADC
conversions with a timer event from the eMIOS or from the PIT
•
Up to 8 serial peripheral interface (DSPI) modules
•
Up to 10 serial communication interface (LINFlex) modules
•
Up to 6 full CAN (FlexCAN) modules with 64 MBs each
•
CAN Sampler to catch ID of CAN message
•
1 inter IC communication interface (I2C) module
•
Up to 177 (LQFP) or 199 (BGA) configurable general purpose I/O
pins
•
System clocks sources
—
4–40 MHz external crystal oscillator
—
16 MHz internal RC oscillator
—FMPLL
—
Additionally, there are two low power oscillators: 128 kHz
internal RC oscillator, 32 kHz external crystal oscillator
•
Real Time Counter (RTC) with clock source from internal 128
kHz or 16 MHz oscillators or external 4–40 MHz crystal
—
Supports autonomous wake-up with 1 ms resolution with
max timeout of 2 seconds
—
Optional support from external 32 kHz crystal oscillator,
supporting wake-up with 1 second resolution and max
timeout of 1 hour
•
1 System Timer Module (STM) with four 32-bit compare
channels
•
Up to 8 periodic interrupt timers (PIT) with 32-bit counter
resolution
•
1 Real Time Interrupt (RTI) with 32-bit counter resolution
•
1 Safety Enhanced Software Watchdog Timer (SWT) that
supports keyed functionality
•
1 dual-channel FlexRay Controller with 128 message buffers
•
1 Fast Ethernet Controller (FEC)
•
On-chip voltage regulator (VREG)
•
Cryptographic Services Engine (CSE)
•
Offered in the following standard package types:
—
176-pin LQFP, 24
× 24 mm, 0.5 mm Lead Pitch
—
208-pin LQFP, 28
× 28 mm, 0.5 mm Lead Pitch
•
256-ball MAPBGA, 17
× 17mm, 1.0 mm Lead Pitch
MPC5646C Microcontroller
Datasheet


Similar Part No. - MPC5646C

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5646C FREESCALE-MPC5646C Datasheet
1Mb / 114P
Microcontroller 64 KB on-chip data flash memory to support EEPROM emulation
More results

Similar Description - MPC5646C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
S6J311A CYPRESS-S6J311A Datasheet
2Mb / 92P
32-Bit Traveo??Family S6J3110 Series Microcontroller Datasheet
S6J311E CYPRESS-S6J311E Datasheet
2Mb / 116P
32-Bit Traveo??Family S6J3110 Series Microcontroller Datasheet
S6J312A CYPRESS-S6J312A Datasheet
2Mb / 139P
32-Bit Traveo??Family Microcontroller Datasheet
logo
Macronix International
MX25L1026EM1I-10G MCNIX-MX25L1026EM1I-10G Datasheet
644Kb / 49P
DATASHEET
MX25L6406EXCI-12G MCNIX-MX25L6406EXCI-12G Datasheet
2Mb / 50P
DATASHEET
MX25L12855FXDI-10G MCNIX-MX25L12855FXDI-10G Datasheet
1Mb / 101P
DATASHEET
MX25L12875FM2I-10G MCNIX-MX25L12875FM2I-10G Datasheet
1Mb / 81P
DATASHEET
MX25U12835FZNI-08G MCNIX-MX25U12835FZNI-08G Datasheet
1Mb / 76P
DATASHEET
MX29GL128FDT2I-11G MCNIX-MX29GL128FDT2I-11G Datasheet
1Mb / 72P
DATASHEET
MX29GL256EHT2I-90Q MCNIX-MX29GL256EHT2I-90Q Datasheet
1Mb / 76P
DATASHEET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com