Electronic Components Datasheet Search
  English  ▼

X  

MPC5646C Datasheet(PDF) 97 Page - NXP Semiconductors

Part # MPC5646C
Description  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5646C Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button MPC5646C Datasheet HTML 93Page - NXP Semiconductors MPC5646C Datasheet HTML 94Page - NXP Semiconductors MPC5646C Datasheet HTML 95Page - NXP Semiconductors MPC5646C Datasheet HTML 96Page - NXP Semiconductors MPC5646C Datasheet HTML 97Page - NXP Semiconductors MPC5646C Datasheet HTML 98Page - NXP Semiconductors MPC5646C Datasheet HTML 99Page - NXP Semiconductors MPC5646C Datasheet HTML 100Page - NXP Semiconductors MPC5646C Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 116 page
background image
Electrical Characteristics
MPC5646C Microcontroller DataSheet, Rev. 7
NXP Semiconductors
97
Figure 35. Nexus TDI, TMS, TDO timing
4.19.4
JTAG characteristics
Table 51. JTAG characteristics
No.
Symbol
C
Parameter
Value
Unit
Min
Typ
Max
1tJCYC
CC
D TCK cycle time
64
—
—
ns
2tTDIS
CC
D TDI setup time
10
—
—
ns
3tTDIH
CC
D TDI hold time
5
—
—
ns
4tTMSS
CC
D TMS setup time
10
—
—
ns
5tTMSH
CC
D TMS hold time
5
—
—
ns
TDO
8
9
TMS, TDI
10
TCK
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com