Electronic Components Datasheet Search
  English  ▼

X  

MPC5644B Datasheet(PDF) 56 Page - NXP Semiconductors

Part # MPC5644B
Description  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5644B Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button MPC5644B Datasheet HTML 52Page - NXP Semiconductors MPC5644B Datasheet HTML 53Page - NXP Semiconductors MPC5644B Datasheet HTML 54Page - NXP Semiconductors MPC5644B Datasheet HTML 55Page - NXP Semiconductors MPC5644B Datasheet HTML 56Page - NXP Semiconductors MPC5644B Datasheet HTML 57Page - NXP Semiconductors MPC5644B Datasheet HTML 58Page - NXP Semiconductors MPC5644B Datasheet HTML 59Page - NXP Semiconductors MPC5644B Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 116 page
background image
MPC5646C Microcontroller DataSheet, Rev. 7
Electrical Characteristics
NXP Semiconductors
56
4.8.3
Voltage monitor electrical characteristics
The device implements a Power-on Reset module to ensure correct power-up initialization, as well as four low voltage detectors
to monitor the VDD_HV_A and the VDD_LV voltage while device is supplied:
•
POR monitors VDD_HV_A during the power-up phase to ensure device is maintained in a safe reset state
•
LVDHV3 monitors VDD_HV_A to ensure device is reset below minimum functional supply
•
LVDHV5 monitors VDD_HV_A when application uses device in the 5.0 V±10% range
•
LVDLVCOR monitors power domain No. 1 (PD1)
•
LVDLVBKP monitors power domain No. 0 (PD0). VDD_LV is same as PD0 supply.
NOTE
When enabled, PD2 (RAM retention) is monitored through LVD_DIGBKP.
VLPREG
CC P Low power regulator output voltage
After trimming
TA = 25 °C
1.21
1.27
—
V
ILPREG
SR — Low power regulator current
provided to VDD_LV domain
—
——
50
mA
ILPREGINT
CC D Low power regulator module current
consumption
ILPREG = 15 mA;
TA = 55 °C
——
600
μA
—
ILPREG = 0 mA;
TA = 55 °C
—
20
—
IVREGREF
CC D Main LVDs and reference current
consumption (low power and main
regulator switched off)
TA = 55 °C
—
2
—
μA
IVREDLVD12 CC D Main LVD current consumption
(switch-off during standby)
TA = 55 °C
—
1
—
μA
IDD_HV_A
CC D In-rush current on VDD_BV during
power-up
——
—
6003
mA
1 V
DD_HV_A = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified.
2 All values need to be confirmed during device validation.
3 Inrush current is seen more like steps of 600 mA peak. The startup of the regulator happens in steps of 50 mV in
~25 steps to reach ~1.2 V VDD_LV. Each step peak current is within 600 mA
Table 22. Voltage regulator electrical characteristics (continued)
Symbol
C
Parameter
Conditions1
Value2
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com