Electronic Components Datasheet Search
  English  ▼

X  

MPC5644B Datasheet(PDF) 66 Page - NXP Semiconductors

Part # MPC5644B
Description  MPC5646C Microcontroller Datasheet
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPC5644B Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button MPC5644B Datasheet HTML 62Page - NXP Semiconductors MPC5644B Datasheet HTML 63Page - NXP Semiconductors MPC5644B Datasheet HTML 64Page - NXP Semiconductors MPC5644B Datasheet HTML 65Page - NXP Semiconductors MPC5644B Datasheet HTML 66Page - NXP Semiconductors MPC5644B Datasheet HTML 67Page - NXP Semiconductors MPC5644B Datasheet HTML 68Page - NXP Semiconductors MPC5644B Datasheet HTML 69Page - NXP Semiconductors MPC5644B Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 116 page
background image
MPC5646C Microcontroller DataSheet, Rev. 7
Electrical Characteristics
NXP Semiconductors
66
4.13
Slow external crystal oscillator (32 kHz) electrical characteristics
The device provides a low power oscillator/resonator driver.
VFXOSC
CC T Oscillation
amplitude at EXTAL
fOSC = 40 MHz
For both VDD = 3.3 V ±
10%, VDD = 5.0 V ±
10%
—0.95
—
V
VFXOSCOP CC P Oscillation
operating point
——
1.8
V
IFXOSC
,4
CC T Fast external crystal
oscillator
consumption
VDD = 3.3 V ± 10%,
fOSC = 40 MHz
—2
2.2
mA
VDD = 5.0 V ± 10%,
fOSC = 40 MHz
—2.3
2.5
VDD = 3.3 V ± 10%,
fOSC = 16 MHz
—1.3
1.5
VDD = 5.0 V ± 10%,
fOSC = 16 MHz
—1.6
1.8
TFXOSCSU
CC T Fast external crystal
oscillator start-up
time
fOSC = 40 MHz
For both VDD = 3.3 V ±
10%, VDD = 5.0 V ±
10%
——
5
ms
VIH
SR P Input high level
CMOS
(Schmitt Trigger)
Oscillator bypass
mode
0.65VDD_HV_A
—VDD_HV_A +0.4
V
VIL
SR P Input low level
CMOS
(Schmitt Trigger)
Oscillator bypass
mode
−0.3
—
0.35VDD_HV_A
V
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = −40 to 125 °C, unless otherwise specified.
2 All values need to be confirmed during device validation.
3 Based on ATE Cz
4 Stated values take into account only analog module consumption but not the digital contributor (clock tree and
enabled peripherals).
Table 35. Fast external crystal oscillator (4 to 40 MHz) electrical characteristics
Symbol
C
Parameter
Conditions1
Value2
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com