Electronic Components Datasheet Search
  English  ▼

X  

64005-2000 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 64005-2000
Description  AT5758 Air Crimp Tool Head
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

64005-2000 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  64005-2000 Datasheet HTML 1Page - Molex Electronics Ltd. 64005-2000 Datasheet HTML 2Page - Molex Electronics Ltd. 64005-2000 Datasheet HTML 3Page - Molex Electronics Ltd. 64005-2000 Datasheet HTML 4Page - Molex Electronics Ltd. 64005-2000 Datasheet HTML 5Page - Molex Electronics Ltd. 64005-2000 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AT5758 Air Crimp Tool Head
Doc. No: ATS-640052000
Release Date: 12-11-02
UNCONTROLLED COPY
Page 3 of 6
Revision: B
Revision Date: 09-02-03
Maintenance
It is recommended that each operator of the tool be made
aware of, and responsible for, the following maintenance
steps:
1. Remove dust, moisture and other contaminants with a
clean brush, or soft, lint-free cloth.
2. Do not use any abrasive materials that could damage
the tool.
3. Make certain all pins, pivot points and bearing surfaces
are protected with a thin coat of high quality machine oil. Do not oil excessively. This tool was engineered for
durability, but like any fine piece of equipment it needs cleaning and lubrication for a maximum service life of
trouble-free crimping. Use a light oil, such as 30 weight automotive oil at the oil points shown in Figure 4,
every 5,000 crimps or monthly will significantly enhance the tool life and ensure a stable calibration.
4. When tool is not in use store the tool in a clean, dry area.
Tool Calibration
A Certificate of Calibration (see last page) was supplied with the
tool. To recalibrate this tool, pin gauge measurements should be
taken in each conductor nest and compared to this chart. The tool
should be lubricated prior to recalibration to ensure consistent
measurements.
Nest Color Code
Wire Range
“X” Dimension Conductor Crimp
Crimp Inspection Marking
AWG
mm²
Mean
Go
No Go
Blue
14 - 16
1.30 - 2.00
.094
.091
.098
o
Warranty
This tool is for electrical terminal crimping purposes only. This tool is made of the best quality materials. All vital
components are long-life tested. All tools are warranted to be free of manufacturing defects for a period of 30
days. Should such a defect occur, we would repair or exchange the tool free of charge. This repair or
exchange will not be applicable to altered, misused or damaged tools.
CAUTION: Molex crimp specifications are valid only when used with Molex terminals, applicators and tooling.
LUBRICATION POINTS
(BOTH SIDES)
LIGHT OIL (EVERY MONTH
OR 5,000 CRIMPS)
Figure 4
3/32” HEX
WRENCH
PIN GAUGE IN
CONDUCTOR CRIMP
“Confining” Crimp
X



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com