Electronic Components Datasheet Search
  English  ▼

X  

64005-2000 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 64005-2000
Description  AT5758 Air Crimp Tool Head
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

64005-2000 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  64005-2000 Datasheet HTML 1Page - Molex Electronics Ltd. 64005-2000 Datasheet HTML 2Page - Molex Electronics Ltd. 64005-2000 Datasheet HTML 3Page - Molex Electronics Ltd. 64005-2000 Datasheet HTML 4Page - Molex Electronics Ltd. 64005-2000 Datasheet HTML 5Page - Molex Electronics Ltd. 64005-2000 Datasheet HTML 6Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AT5758 Air Crimp Tool Head
Doc. No: ATS-640052000
Release Date: 12-11-02
UNCONTROLLED COPY
Page 4 of 6
Revision: B
Revision Date: 09-02-03
3
2
1
Figure 5
M4 LOCKNUT W/HEX
NYLON INSERT
M4 FLAT WASHER
4
5
9
6
7
8
(2)
PARTS LIST
Item
Order No
Description
Quantity
64005-2000
Crimp Tool Head
Figure 5
1
64005-0000
Basic Air Tool Head
1
2
64001-0275
Locator Assembly
1
3
64001-2070
Tooling Kit
1
Tooling Kit Only
4
64001-1001
Conductor Punch
1
5
64001-1002
Conductor Anvil
1
6
64001-2015
Insulation Punch
1
7
64001-2013
Insulation Anvil
1
8
N/A
4 mm Dia. by 5.0 mm Long Roll Pins
2**
9
N/A
#10-32 by 5/16” Long Cup Pt. Set Screw
1**
** Available from an Industrial supply company such as MSC (1-800-645-7270).



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com