Electronic Components Datasheet Search
  English  ▼

X  

1584913 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 1584913
Description  Servo motor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

1584913 Datasheet(HTML) 1 Page - Festo Corporation.

  1584913 Datasheet HTML 1Page - Festo Corporation. 1584913 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Servo motor
EMMS-AS-190-S-HS-AR
Part number: 1584913
Data sheet
Feature
Value
Ambient temperature
-10 °C ... 40 °C
Storage temperature
-20 °C ... 60 °C
Relative air humidity
0 - 90 %
Conforms to standard
IEC 60034
Insulation protection class
F
Rating class according to EN 60034-1
S1
Temperature monitoring
PTC resistor
Degree of protection
IP54
Electrical connection technology
Plug
Note on materials
RoHS-compliant
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
LABS (PWIS) conformity
VDMA24364-B2-L
Certification
RCM compliance mark
c UL us - Recognized (OL)
CE marking (see declaration of conformity)
As per EU EMC directive
As per EU low voltage directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK instructions for EMC
To UK instructions for electrical equipment
To UK RoHS instructions
Nominal operating voltage DC
565 V
DC nominal voltage
565 V
Type of winding switch
Star inside
Number of pole pairs
6
Stall torque
26.2 Nm
Nominal torque
17.47 Nm
Peak torque
80 Nm
Nominal rotary speed
3000 1/min
Max. rotational speed
5300 1/min
Motor nominal power
5490 W
Motor nominal current
14.43 A
Peak current
77.2 A
Motor constants
1.211 Nm/A
Voltage constant, phase-to-phase
75.4 mVmin
Phase-phase winding resistance
0.283 Ohm
Winding inductance phase-phase
3.07 mH
Total output inertia moment
52.1 kgcm²
6/2/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 1584913

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1584910 PHOENIX-1584910 Datasheet
118Kb / 11P
Contact insert - HC-B 16-I-CT-M-32
logo
Festo Corporation.
1584910 FESTO-1584910 Datasheet
84Kb / 2P
Servo motor
6/2/22
1584911 FESTO-1584911 Datasheet
84Kb / 2P
Servo motor
1584912 FESTO-1584912 Datasheet
85Kb / 2P
Servo motor
6/2/22
1584914 FESTO-1584914 Datasheet
103Kb / 2P
Servo motor
6/2/22
More results

Similar Description - 1584913

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
EMMS-AS-40-S-LS-TS FESTO-EMMS-AS-40-S-LS-TS Datasheet
92Kb / 2P
Servo motor
EMMS-AS-55-M-HS-RR FESTO-EMMS-AS-55-M-HS-RR Datasheet
105Kb / 2P
Servo motor
EMMS-AS-55-M-HS-RRB FESTO-EMMS-AS-55-M-HS-RRB Datasheet
106Kb / 2P
Servo motor
EMMS-AS-55-MK-HS-TS-S1 FESTO-EMMS-AS-55-MK-HS-TS-S1 Datasheet
90Kb / 2P
Servo motor
EMMS-AS-55-M-LS-RRB FESTO-EMMS-AS-55-M-LS-RRB Datasheet
106Kb / 2P
Servo motor
EMME-AS-80-S-LS-AMB FESTO-EMME-AS-80-S-LS-AMB Datasheet
82Kb / 2P
Servo motor
EMME-AS-100-M-HS-AM FESTO-EMME-AS-100-M-HS-AM Datasheet
79Kb / 2P
Servo motor
EMME-AS-100-MK-HS-AMX FESTO-EMME-AS-100-MK-HS-AMX Datasheet
81Kb / 2P
Servo motor
EMME-AS-100-S-HS-AM FESTO-EMME-AS-100-S-HS-AM Datasheet
81Kb / 2P
Servo motor
EMME-AS-100-S-HS-AMX FESTO-EMME-AS-100-S-HS-AMX Datasheet
82Kb / 2P
Servo motor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com