Electronic Components Datasheet Search
  English  ▼

X  

1584913 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 1584913
Description  Servo motor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

1584913 Datasheet(HTML) 2 Page - Festo Corporation.

  1584913 Datasheet HTML 1Page - Festo Corporation. 1584913 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Product weight
21100 g
Permissible axial shaft load
250 N
Permissible radial shaft load
940 N
Rotor position sensor
Resolver
Rotor position sensor interface
SIN/COS analog signals
Rotor position sensor measuring principle
Inductive
MTTF, subcomponent
114 years, rotor position sensor
MTTFd, subcomponent
228 years, rotor position sensor
Energy efficiency
ENEFF (CN) / Class 2
6/2/22 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com