Electronic Components Datasheet Search
  English  ▼

X  

SMM465 Datasheet(PDF) 16 Page - Summit Microelectronics, Inc.

Part # SMM465
Description  4-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM465 Datasheet(HTML) 16 Page - Summit Microelectronics, Inc.

Back Button SMM465 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMM465 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMM465 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMM465 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMM465 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMM465 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMM465 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMM465 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMM465 Datasheet HTML 20Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
SMM465
Preliminary Information
Summit Microelectronics, Inc
2085 1.1 05/27/04
16
Note: Configuration writes or reads of registers 00HEX
to 0FHEX should not be performed while the SMM465 is
margining.
POWER-OFF CASCADE SEQUENCING
The SMM465 can be programmed to perform Power-
off sequencing in either the same order or reverse
order of Power-on cascade sequencing.
Power-off cascade sequencing can be initiated by the
PWR_ON/OFF pin, via I
2C control or triggered by a
fault condition on any of the monitored inputs.
Toggling the PWR_ON/OFF pin to its inactive state will
initiate the Power-off sequence.
To
enable
software
control
of
the
Power-off
sequencing feature, the SMM465 offers an I
2C
command to initiate Power-off sequencing regardless
of the state of the PWR_ON/OFF pin. Furthermore,
Power-off sequencing can be initiated by a fault
condition on a monitored input.
Once Power-off sequencing begins, the SMM465 will
wait a Power-off delay time (tDPOFF) for any channel in
the last sequence position (reverse order) and then
deactivate the PUP outputs for those channels. The
Power-off delay times are individually programmable
for each channel. The SMM465 will then wait until all
VMX inputs of the channels assigned to that sequence
position are below the programmed OFF thresholds.
At this point, the SMM465 will decrement to the next
sequence position and begin to timeout the Power-off
delay times for the associated channels. This process
continues until all of channels in the sequence have
turned off and are below their OFF thresholds. The
status register reveals that all sequenced channels
have turned off.
The Power-off sequencing mode
ends when all sequenced supplies are below their
OFF thresholds.
The programmable sequence termination timer can be
used to protect against a stalled Power-off sequence.
This timer resets itself at the beginning of each
sequence position.
All channels in the sequence
position must go below their OFF threshold before the
sequence termination timer times out (tSTT) or the
sequence will terminate and all PUP outputs will be
switched to their inactive state. This timer has four
settings of OFF, 100ms, 200ms and 400ms.
The
sequence termination timer can be disabled separately
for Power-off sequencing.
While the SMM465 is in the Power-off sequencing
mode the RST output is held active and the HEALTHY
output is held inactive regardless of trigger sources
(Figure 8). The Force Shutdown trigger option is also
disabled while in this mode.
Furthermore, the
SMM465 will not respond to activity on the
PWR_ON/OFF pin or to a Power-on I
2C command
during Power-off sequencing mode.
FORCE SHUTDOWN
The Force Shutdown operation brings all PUPX
outputs to their inactive state. This operation is used
for an emergency shutdown when there is not enough
time to sequence the supplies off.
The Force
Shutdown operation shuts off all sequenced channels
and waits for the supply voltages to drop below their
respective OFF thresholds.
A Force Shutdown operation can be initiated by any
one of four events. The first two methods for initiating
a Force Shutdown are always enabled. Simply taking
the FS pin to its active state will initiate a Force
Shutdown operation and maintain it until the pin is
brought to its inactive state. An I
2C Force Shutdown
command allows the Force Shutdown operation to be
initiated via software control. This I
2C Force Shutdown
command sets a volatile register bit that triggers a
Force Shutdown.
This bit is cleared after all
sequenced channels have dropped below their OFF
voltage threshold.
During Power-on and Power-off
sequencing, the sequence termination timer can
initiate a Force Shutdown operation.
As described in the previous sections, the sequence
termination timer triggers a Force Shutdown operation
if it times out before the power supply voltages
surpass their voltage thresholds.
This Force
Shutdown will remain active until all sequenced power
supply channels have dropped below their OFF
voltage threshold. While the SMM465 is in ongoing
operations-monitor
mode,
a
programmed
fault
condition on any power supply channel or on the
12VIN or VDD inputs can trigger a Force Shutdown. A
Force Shutdown resulting from this will remain active
until all sequenced power supply channels have
dropped below their OFF voltage threshold.
APPLICATIONS INFORMATION (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com