Electronic Components Datasheet Search
  English  ▼

X  

SMM605 Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SMM605
Description  Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM605 Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMM605 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
SMM605
Preliminary Information
1
(See Last Page)
© SUMMIT Microelectronics, Inc. 2003 • 1717 Fox Drive • San Jose CA 95131 • Phone 408 436-9890 • FAX 408 436-9897
www.summitmicro.com
2064 1.1 9/16/03
1
FEATURES & APPLICATIONS
• Extremely accurate (±0.1% Typ.) Active
DC Output Control (ADOCTM)
• Six channel control of DC/DC converters
• ADOC Automatically adjusts supply output
voltage level under all DC load conditions
• Capable of margining supplies with trim inputs
using either positive or negative trim pin control
• Wide Margin/ADOC range from 0.35V to VDD
• Uses either an internal or external VREF
• Operates from any intermediate bus supply
from 8V to 15V and from 2.7V to 5.5V
• Programmable START and READY pins
• General Purpose 4k EEPROM with Write Protect
• I2C 2-wire serial bus for programming
configuration and monitoring status.
• 48 lead TQFP package
Applications
• Monitor/Control Distributed and POL Supplies
• Multi-voltage Processors, DSPs, ASICs used in
Telecom, CompactPCI or server systems
INTRODUCTION
The SMM605 actively controls the output voltage level
of up to six DC/DC converters that use a ‘Trim’ or
‘VADJ/FB’ pin to adjust the output. An Active DC
Output Control (ADOC
TM) feature is used during
normal operation to maintain extremely accurate
settings of supply voltages and, during system test, to
control margining of the supplies using the industry
standard I
2C 2-wire data bus commands.
Total
accuracy with a ±0.1% external reference is ±0.2%,
and ±0.5% using the internal reference. The device
can margin supplies with either positive or negative
trim pin control within a range of 0.35V to VDD. The
SMM605 supply can range from 2.7V to 5.5V or 6V to
14V to accommodate any intermediate bus supply.
The voltage settings (margin high/low and
nominal) are programmed into nonvolatile memory.
The I
2C bus is used to enable margin high, margin low,
ADOC or normal operation. When margining, the
SMM605 will check the voltage output of the converter
and make adjustments to the trim pin via a feedback
loop to bring the voltage to the margin setting. A
margining status register is set to indicate that the
system is ready for test.
Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
SIMPLIFIED APPLICATIONS DRAWING
TRIM
B
VM
B
TRIM_CAP
B
CAP
B
TRIM
A
VM
A
TRIM_CAP
A
CAP
A
SMM605
µP/
ASIC
3.3VIN (+2.7V to +5.5V Range)
RESET
READY
HEALTHY
12VIN (+6V to +14V Range)
2.5VIN
1.2VIN
12V
SDA
SCL
I2C
BUS
3.3V
A2
VREF_CNTL
VIN
TRIM
Vout
DC/DC
Converter A
VIN
TRIM
Vout
DC/DC
Converter B
External or
Internal
REFERENCE
DC/DC
Converter C, E
DC/DC
Converter D, F
2 of 6 DC-DC
Converters shown
POWER GOOD
VDD_CAP
Figure 1 – Applications Schematic using the SMM605 Controller to actively control and margin the output
levels of up to six DC/DC Converters.
Note: This is an applications example only. Some pins, components and values are not shown.


Similar Part No. - SMM605

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMM605 SUMMIT-SMM605_11 Datasheet
366Kb / 24P
Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
More results

Similar Description - SMM605

ManufacturerPart #DatasheetDescription
logo
Summit Microelectronics...
SMM205 SUMMIT-SMM205 Datasheet
901Kb / 20P
Dual Channel Supply Voltage Marginer and Active DC Output Controller
SMM105 SUMMIT-SMM105 Datasheet
379Kb / 21P
Single-Channel Supply Voltage Marginer and Active DC Output Controller
SMM665B SUMMIT-SMM665B Datasheet
867Kb / 30P
Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C Datasheet
639Kb / 36P
Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM766B SUMMIT-SMM766B Datasheet
498Kb / 39P
Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link
SMM605 SUMMIT-SMM605_11 Datasheet
366Kb / 24P
Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
SMM665B SUMMIT-SMM665B_11 Datasheet
938Kb / 30P
Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C_11 Datasheet
587Kb / 36P
Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM766 SUMMIT-SMM766_11 Datasheet
420Kb / 32P
Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
SMM766B SUMMIT-SMM766B_11 Datasheet
449Kb / 39P
Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com