Electronic Components Datasheet Search
  English  ▼

X  

SMM605 Datasheet(PDF) 4 Page - Summit Microelectronics, Inc.

Part # SMM605
Description  Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM605 Datasheet(HTML) 4 Page - Summit Microelectronics, Inc.

  SMM605 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM605 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
SMM605
Preliminary Information
Summit Microelectronics, Inc
2064 1.1 09/16/03
4
Pin
Number
1
Pin
Type
Pin Name
Pin Description
41
VMA
36
VMB
31
VMC
26
VMD
21
VME
16
IN
VMF
Voltage monitor pin. Connect to the DC-DC converter + sense line or +Vout
pin.
44
TRIMA
39
TRIMB
34
TRIMC
29
TRIMD
24
TRIME
19
OUT
TRIMF
Output voltage used to margin and/or trim converter voltages. Connect to the
converter Trim input or to the VADJ or FB pin of an adjustable output switching
regulator or LDO through a resistor.
45
TRIM_CAPA
40
TRIM_CAPB
35
TRIM_CAPC
30
TRIM_CAPD
25
TRIM_CAPE
20
I/O
TRIM_CAPF
External sample and hold capacitor input used to set the voltage on the TRIM
pins.
48
IN
VDD_CAP
External capacitor input used to filter the internal supply rail.
47
PWR
12VIN
12V power supply input internally regulated to 3.6 or 5.5V. Input range is 6V to
14V using the 3.6V internal regulator setting and 10V to 14V using the 5.5V
internal regulator setting.
46
PWR
VDD
2.7V to 5.5V Power supply of the part.
5,6,12,13
GND
GND
Ground of the part.
PIN DESCRIPTIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com