Electronic Components Datasheet Search
  English  ▼

X  

SMM764 Datasheet(PDF) 8 Page - Summit Microelectronics, Inc.

Part # SMM764
Description  Four-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM764 Datasheet(HTML) 8 Page - Summit Microelectronics, Inc.

Back Button SMM764 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM764 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM764 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM764 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM764 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM764 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM764 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMM764 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMM764 Datasheet HTML 12Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
SMM764
Preliminary Information
Summit Microelectronics, Inc
2098 1.1 6/29/2005
8
Temperature Under Bias....................... -55
°C to 125°C
Storage Temperature............................ -65
°C to 150°C
Terminal Voltage with Respect to GND:
VDD Supply Voltage ......................... -0.3V to 6.0V
12VIN Supply Voltage ..................... -0.3V to 15.0V
PUPA, through PUPF....................... -0.3V to 15.0V
All Others ................................-0.3V to VDD + 0.7V
Output Short Circuit Current ............................... 100mA
Lead Solder Temperature (10 s).......................... 300
°C
Junction Temperature .......................................... 150°C
ESD Rating per JEDEC ....................................... 2000V
Latch-Up testing per JEDEC.............................
±100mA
Note - The device is not guaranteed to function outside its operating rating.
Stresses listed under Absolute Maximum Ratings may cause permanent
damage to the device. These are stress ratings only and functional operation
of the device at these or any other conditions outside those listed in the
operational sections of the specification is not implied. Exposure to any
absolute maximum rating for extended periods may affect device performance
and reliability.
Devices are ESD sensitive. Handling precautions are
recommended.
Temperature Range (Industrial)...........–40
°C to +85°C
(Commercial) ..............0
°C to +70°C
VDD Supply Voltage .................................. 2.7V to 5.5V
12VIN Supply Voltage
1 ............................6.0V to 14.0V
VIN ............................................................ GND to VDD
VOUT ...................................................... GND to 14.0V
Package Thermal Resistance (
θJA)
48 Lead TQFP ................................................80
oC/W
Moisture Classification Level 1 (MSL 1) per J-STD- 020
RELIABILITY CHARACTERISTICS
Data Retention .............................................. 100 Years
Endurance..............................................100,000 Cycles
DC OPERATING CHARACTERISTICS
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
Symbol
Parameter
Notes
Min
Typ
Max
Unit
VDD
Supply voltage
2.7
5.5
V
Internally regulated to 5.5V
10
14
V
12VIN
Supply voltage
Internally regulated to 3.6V
6
14
V
IDD
Power supply current from VDD
All TRIM pins floating,
12VIN floating
3
5
mA
I12VIN
Power supply current from 12VIN
All TRIM pins floating,
VDD floating
3
5
mA
TRIM characteristics
TRIM sourcing maximum
current
1.5
mA
ITRIM
TRIM output current through
100
Ω to 1.0V
TRIM sinking maximum
current
1.5
mA
VTRIM
Margin and ADOC range
Depends on TRIM range
of DC-DC converter
VREF/4
VDD
V
TRIM_CAP characteristics
ITRIM_CAP
TRIM output current through 1uF
capacitor to ground
Max acceptable board and
cap leakage is 50 nA 2
100
nA
All other input and output characteristics
VDD = 2.7V
0.8 x
VDD_CAP
V
VIH
Input high voltage (MR#, SDA,
SCL, PWR_ON, SEQ_LINK,
FS#)
3
VDD = 5.0V
0.7 x
VDD_CAP
V
VDD = 2.7V
0.2 x
VDD_CAP
V
VIL
Input low voltage (MR#, SDA,
SCL, PWR_ON, SEQ_LINK,
FS#)
3
VDD = 5.0V
0.3 x
VDD_CAP
V
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com