Electronic Components Datasheet Search
  English  ▼

X  

SMM764 Datasheet(PDF) 10 Page - Summit Microelectronics, Inc.

Part # SMM764
Description  Four-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM764 Datasheet(HTML) 10 Page - Summit Microelectronics, Inc.

Back Button SMM764 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM764 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM764 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM764 Datasheet HTML 9Page - Summit Microelectronics, Inc. SMM764 Datasheet HTML 10Page - Summit Microelectronics, Inc. SMM764 Datasheet HTML 11Page - Summit Microelectronics, Inc. SMM764 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMM764 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMM764 Datasheet HTML 14Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
SMM764
Preliminary Information
Summit Microelectronics, Inc
2098 1.1 6/29/2005
10
DC OPERATING CHARACTERISTICS (CONTINUED)
(Over recommended operating conditions, unless otherwise noted. All voltages are relative to GND.)
AIN1/AIN2 ADC characteristics
Symbol
Parameter
Notes
Min
Typ
Max
Unit
N
Resolution
10
Bits
MC
Missing codes
Minimum resolution for which no
missing codes are guaranteed
10
Bits
S/N
Signal-to-noise Ratio
Conversion rate = 500Hz
72
dB
DNL
Differential non-linearity
-1/2
+1/2
LSB
INL
Integral non-linearity
Note 1
-1
+1
LSB
GAIN
Positive full scale gain error
Note 1
-0.5
+0.5
%
OFFSET
Offset error
Note 1
-1
+1
LSB
ADC_TC
Full scale temperature
coefficient
±15
PPM/
oC
IMADC
Analog ADC Input Impedance
10
M
Ω
IIVREF
VREF input current
250
nA
ICVREF
VREF input capacitance
200
pF
IRVREF
VREF input impedance
1
k
Ω
Note 1 - The formula for the total ADC inaccuracy is: [((ADC read voltage) +/- INL)*(range of gain error)]+range of offset error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com