Electronic Components Datasheet Search
  English  ▼

X  

SMP9517 Datasheet(PDF) 6 Page - Summit Microelectronics, Inc.

Part # SMP9517
Description  Nonvolatile DACPOT??Electronic Potentiometer With Debounced Push Button Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMP9517 Datasheet(HTML) 6 Page - Summit Microelectronics, Inc.

  SMP9517 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMP9517 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMP9517 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMP9517 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMP9517 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMP9517 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMP9517 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMP9517 Datasheet HTML 8Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
SMP9517
SUMMIT MICROELECTRONICS, Inc.
2035 3.0 5/10/00
2017 PGM T5.1
DC ELECTRICAL CHARACTERISTICS VDD = 2.7V to 5.5V, VH = VDD, VL = 0V, Unless otherwise
specified
Notes:
1. IDD is the supply current drawn while the EEPROM is being updated. IDD does not include the current that flows through the Reference
resistor chain.
2. UP# and DWN# have internal pull-up resistors of approximately 50k
Ω. When the input is pulled to ground the resulting output current
will be VDD/50ký.
Limits
Symbol
Parameter
Min.
Typ.
Max.
Units
fGAP
Time Between Two Separate Push Button Events
0
µs
tDB
Debounce Time
30
60
ms
tS SLOW
After Debounce to Wiper Change on a Slow Mode
100
250
375
ms
tS FAST
Wiper Change on a Fast Mode
25
50
75
ms
tPU
Power-Up to Wiper Stable
500
µs
tR VDD
VDD Power-Up Rate
0.2
50
mV/µs
tASTO
AUTOSTORE Cycle Time (Note 3)
4
2
ms
VASTH
AUTOSTORE Threshold Voltage (Note 3)
4.6
5.5
V
tASEND
AUTOSTORE Cycle End Voltage
3.5
V
AC OPERATING CHARACTERISTICS VDD = 4.5V to 5.5V
2017 PGM T6.0
Symbol
Parameter
Conditions
Min
Max
Units
IDD
Supply Current
STR# =
1.2
mA
during store (Note 1)
ISB
Supply Standby Current
200
µA
IIH
Input Leakage Current
VIN = VDD
10
µA
IIL
Input Leakage Current (Note 2)
VIN = 0V
-100
µA
VIH
High Level Input Voltage
2
VDD
V
VIL
Low Level Input Voltage
0
0.8
V
Notes:
3. tASTO and VASTH are characterized and periodically sampled, but not 100% tested.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com