Electronic Components Datasheet Search
  English  ▼

X  

SMP9517 Datasheet(PDF) 1 Page - Summit Microelectronics, Inc.

Part # SMP9517
Description  Nonvolatile DACPOT??Electronic Potentiometer With Debounced Push Button Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMP9517 Datasheet(HTML) 1 Page - Summit Microelectronics, Inc.

  SMP9517 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMP9517 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMP9517 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMP9517 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMP9517 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMP9517 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMP9517 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMP9517 Datasheet HTML 8Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© SUMMIT MICROELECTRONICS, Inc. 2000 • 300 Orchard City Drive, Suite 131 • Campbell, CA 95008 • Phone 408-378-6461 • Fax 408-378-6586 • www.summitmicro.com
1
Characteristics subject to change without notice
SUMMIT
MICROELECTRONICS, Inc.
2035 3.0 5/10/00
SMP9517
FEATURES
Digitally Controlled Electronic Potentiometer
•
7-Bit Digital-to-Analog Converter (DAC)
– Independent Reference Inputs
– Differential Non-Linearity of ±0.5LSB max
– Integral Non-Linearity of ±1LSB max
•VOUT Value in EEPROM for Power-On Recall
– Equivalent to 128-Step Potentiometer
•
Unity Gain Op Amp Drives up to 1mA
•
Simple Trimming Adjustment
– Debounced Pushbutton Interface
•
Low Noise Operation
•
“Clickless” Transitions between DAC Steps
•
No Mechanical Wear-out Problem
– 1,000,000 Stores (typical)
– 100 Year Data Retention
•
Operation from 2.7V to 5.5V Supply
•
Low Power: 1mW max at 5V
Nonvolatile DACPOT™ Electronic Potentiometer
With Debounced Push Button Interface
OVERVIEW
The SMP9517 DACPOT trimmer is an 7-bit nonvolatile
DAC designed to replace mechanical potentiometers.
The SMP9517 includes a unity-gain amplifier to buffer the
DAC output and enables VOUT to swing from rail to rail.
The DACPOT trimmer operates over a supply voltage
range of 2.7V to 5.5V.
The SMP9517’s simple pushbutton input provides an ideal
interface for operator adjusted equipment. This interface
allows for quick and easy adjustment of even the most
sophisticated systems.
The SMP9517 is a pin-compatible performance upgrade
for other industry nonvolatile potentiometers. For higher
resolution applications the pin-compatible S9518 pro-
vides 256 steps with the same pushbutton interface. Both
the SMP9517 and the S9518 provide ‘clickless’ transitions
of VOUT.
FUNCTIONAL BLOCK DIAGRAM
DWN#
VDD
8
2
VOUT
5
7-Bit
E2PROM
VL
6
VH
3
7-Bit Data
Register
Debounce Circuit
& Write Control
Logic
7-Bit DAC
UP#
1
STR#
7
GND
4
2035 T BD 3.0


Similar Part No. - SMP9517

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SMP900G-JP SEME-LAB-SMP900G-JP Datasheet
54Kb / 2P
P.I.N. PHOTODIODE
SMP900G-JQ SEME-LAB-SMP900G-JQ Datasheet
55Kb / 2P
P.I.N. PHOTODIODE
SMP900G-KP SEME-LAB-SMP900G-KP Datasheet
55Kb / 2P
P.I.N. PHOTODIODE
SMP900G-KQ SEME-LAB-SMP900G-KQ Datasheet
55Kb / 2P
P.I.N. PHOTODIODE
logo
Summit Microelectronics...
SMP9210 SUMMIT-SMP9210 Datasheet
171Kb / 10P
Dual 10-bit Nonvolatile DAC
More results

Similar Description - SMP9517

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9511 XICOR-X9511 Datasheet
56Kb / 10P
PushPot O Potentiometer (Push Button Controlled)
X9514 XICOR-X9514 Datasheet
56Kb / 11P
PushPot??Potentiometer (Push Button Controlled)
logo
Summit Microelectronics...
S9518 SUMMIT-S9518 Datasheet
43Kb / 8P
Nonvolatile DACPOT Electronic Potentiometer With Debounced Push Button Interface
SMP9317 SUMMIT-SMP9317 Datasheet
38Kb / 6P
Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface
S9318 SUMMIT-S9318 Datasheet
34Kb / 6P
Nonvolatile DACPOT??Electronic Potentiometer With Up/Down Counter Interface
S9418 SUMMIT-S9418 Datasheet
50Kb / 10P
Quad 8-Bit Nonvolatile DACPOT??Electronic Potentiometer With a Mute Control Input
logo
List of Unclassifed Man...
SMP9410 ETC-SMP9410 Datasheet
422Kb / 13P
Quad 10-Bit Nonvolatile DACPOT
logo
Intersil Corporation
X9511 INTERSIL-X9511_07 Datasheet
195Kb / 9P
Single Push Button Controlled Potentiometer (
February 2, 2007
ISL23511 INTERSIL-ISL23511_08 Datasheet
407Kb / 10P
Single Push Button Controlled Potentiometer
January 21, 2008
logo
Analog Devices
AD5116 AD-AD5116 Datasheet
455Kb / 16P
Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com