Electronic Components Datasheet Search
  English  ▼

X  

SMR101 Datasheet(PDF) 2 Page - Summit Microelectronics, Inc.

Part # SMR101
Description  programmable reset controller especially designed for embedded consumer electronics.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMR101 Datasheet(HTML) 2 Page - Summit Microelectronics, Inc.

  SMR101 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMR101 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMR101 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMR101 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMR101 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMR101 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMR101 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMR101 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMR101 Datasheet HTML 9Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SMR101
Preliminary Information
Summit Microelectronics, Inc
209
1 2.1 4/21/2005
2
Figure 2 – SMR101 Operation and timing diagram.
The SMR101 is a programmable reset controller that
monitors the power supply in µP and digital systems
for under voltage conditions The integrated feature set
provides excellent circuit reliability and low cost by
eliminating
external
components
while
the
programmable settings allow “on the fly” adjustments
necessary for modern control techniques.
The device performs several functions: it first asserts a
“soft” reset signal whenever the VDD supply voltage
declines below a preset threshold, keeping it asserted
for a programmable time period after VDD has risen
above the reset threshold. The part also provides a
push button input with two programmable delays for
hierarchical manual system reset.
The open-drain SOFT_RST# and HARD_RST#
outputs have on-chip 100K pull-up resistors and do not
require external pull-up resistors unless more drive
current is needed (see figure 3). The SOFT_RST#
comparator is designed to ignore fast transients on
VDD, and the output is guaranteed to be in the correct
logic state for VDD down to 1V. Low supply current
makes the SMR101 ideal for use in portable
equipment.
The
RESET_IN#
input
includes
a
programmable hold-down delay timer for use with a
push button switch for consumer equipment such as
set-top boxes and PCs.
A microprocessor’s (µP’s) reset input starts the µP in a
known state. The SMR101 asserts a SOFT_RST# to
prevent code execution errors during power-up,
power-down,
or
UnderVoltage
(UV)
conditions
whenever the VDD supply voltage declines below a
programmed limit (VMON). There are 8 programmable
voltage settings to trigger the SOFT_RST# output.
SOFT_RST# stays asserted for a programmable
period after VDD has risen above the reset threshold.
The SOFT_RST# signal is also asserted whenever the
RESET_IN# input is asserted for a programmed delay.
There are 8 programmable timing settings (TRESET_SR)
to trigger SOFT_RST# output.
The HARD_RST#
signal is also asserted whenever the RESET_IN#
input is asserted for a separate programmed delay.
There are 8 programmable timing settings (TRESET_HR)
to trigger the HARD_RST# output. It is recommended
that the soft reset time be of a shorter duration than
that of the HARD_RST#.
In addition to issuing a reset to the µP during power-
up, power-down, and brownout conditions, the
SMR101 is immune to short-duration VDD transients
(glitches) due to an internal glitch filter. A external
0.1µF bypass capacitor mounted as close as possible
to the VDD pin provides additional transient immunity.
Since the SOFT_RST# and HARD_RST# outputs are
open drain, the device interfaces easily with µPs that
have
bidirectional-reset
pins.
Connecting
the
SOFT_RST# output directly to the µP’s RESET pin
allows either the µP or the SMR101 to assert a reset.
.
GENERAL DESCRIPTION
VDD
HARD_RST#
SOFT_RST#
RESET_IN#
Push-Button
Input
T
RESET
T
RESET_HR
T
RESET
VMON
T
GLITCH
Push-Button
Released
T
RESET
Push-Button
Engaged
Push-Button
Engaged
Push-Button
Released
T
RESET
T
RESET_SR
T
RESET_SR



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com