Electronic Components Datasheet Search
  English  ▼

X  

SMR101 Datasheet(PDF) 3 Page - Summit Microelectronics, Inc.

Part # SMR101
Description  programmable reset controller especially designed for embedded consumer electronics.
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMR101 Datasheet(HTML) 3 Page - Summit Microelectronics, Inc.

  SMR101 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMR101 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMR101 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMR101 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMR101 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMR101 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMR101 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMR101 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMR101 Datasheet HTML 9Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SMR101
Preliminary Information
Summit Microelectronics, Inc
209
1 2.1 4/21/2005
3
8 KHz
Ring
Oscillator,
+/-10%
accurate
Programmable Delay Generator/
Logic
Up Count
MSB
Programmable
Hold-Down Time,
0.125 to 40 Sec
VDD
GND
User Reset
Pushbutton
-
+
Vref
Glitch Filter
Reset Input
RESET _IN#
HARD_RST#
SOFT_RST#
2.7V_5.5V
SOFT_RST at
2.30V-4.5V
100k
100k
100k
PROG
Figure 3 – SMR101 Internal Block Diagram.
Pushbutton Input delay (seconds)
Voltage Monitor Threshold (V)
RESET Timeout Period (ms)
Register
Value
HARD_RST#
Register
Value
SOFT_RST#
Register Value
Voltage
Register Value
Time
000
0.5
000
0.125
000
4.50
00
1
001
1
001
0.25
001
4.25
01
25
010
2
010
0.5
010
2.97
10
100
011
4
011
1
011
2.81
11
200
100
8
100
2
100
2.70
101
16
101
4
101
2.55
110
32
110
8
110
2.43
111
40
111
10
111
2.30
Figure 4 – SMR101 Register Maps. The SMR101 is user programmable using the SMX3199 Programmer and the
SMR101 Windows GUI.
INTERNAL BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com