Electronic Components Datasheet Search
  English  ▼

X  

QPC2108 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # QPC2108
Description  2.5-4GHz 6-Bit Digital Phase Shifter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPC2108 Datasheet(HTML) 3 Page - Qorvo, Inc

  QPC2108 Datasheet HTML 1Page - Qorvo, Inc QPC2108 Datasheet HTML 2Page - Qorvo, Inc QPC2108 Datasheet HTML 3Page - Qorvo, Inc QPC2108 Datasheet HTML 4Page - Qorvo, Inc QPC2108 Datasheet HTML 5Page - Qorvo, Inc QPC2108 Datasheet HTML 6Page - Qorvo, Inc QPC2108 Datasheet HTML 7Page - Qorvo, Inc QPC2108 Datasheet HTML 8Page - Qorvo, Inc QPC2108 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
QPC2108
2.5-4GHz 6-Bit Digital Phase Shifter
Data Sheet Rev.A March 25, 2017
- 3 of 12 -
www.qorvo.com
Recommended Operating Conditions
Parameter
Value / Range
Control Voltage (REF, 50, 110, 220, 450, 900, 1800)
0/+5 V
Current (IREF, ICTRL)
< 0.3 mA
Temperature Range
-40 to +85 0C
Supply Current (IS)
100 uA typical
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating conditions.
Bias Truth Table
Log
ic “0” = 0 V, Logic “1” = +5 V
Phase Shifter
50
110
220
450
900
1800
REF
0° (Reference)
0
0
0
0
0
0
1
5°
1
0
0
0
0
0
1
11°
0
1
0
0
0
0
1
22°
0
0
1
0
0
0
1
45°
0
0
0
1
0
0
1
90°
0
0
0
0
1
0
1
180°
0
0
0
0
0
1
1
355°
1
1
1
1
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com