Electronic Components Datasheet Search
  English  ▼

X  

QPC2108 Datasheet(PDF) 4 Page - Qorvo, Inc

Part # QPC2108
Description  2.5-4GHz 6-Bit Digital Phase Shifter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPC2108 Datasheet(HTML) 4 Page - Qorvo, Inc

  QPC2108 Datasheet HTML 1Page - Qorvo, Inc QPC2108 Datasheet HTML 2Page - Qorvo, Inc QPC2108 Datasheet HTML 3Page - Qorvo, Inc QPC2108 Datasheet HTML 4Page - Qorvo, Inc QPC2108 Datasheet HTML 5Page - Qorvo, Inc QPC2108 Datasheet HTML 6Page - Qorvo, Inc QPC2108 Datasheet HTML 7Page - Qorvo, Inc QPC2108 Datasheet HTML 8Page - Qorvo, Inc QPC2108 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
QPC2108
2.5-4GHz 6-Bit Digital Phase Shifter
Data Sheet Rev.A March 25, 2017
- 4 of 12 -
www.qorvo.com
Performanc
e Plots – Small Signal
Test conditions unless otherwise noted: 5V, 25 °C
0
2
4
6
8
10
12
14
16
2
2.5
3
3.5
4
4.5
Frequency (GHz)
RMS Phase Error vs. Freq. vs. Temp
VREF = 5 V, All Phase States
-40C
+25C
+85C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
2
2.5
3
3.5
4
4.5
Frequency (GHz)
RMS Amplitude Error vs. Freq vs. Temp.
VREF = 5 V, All Phase States
-40C
+25C
+85C
-10
-9
-8
-7
-6
-5
-4
-3
-2
2
2.5
3
3.5
4
4.5
Frequency (GHz)
Avg. Insertion Loss vs. Freq. vs. Temp.
VREF = 5 V, All Phase States
-40C
+25C
+85C
-30
-25
-20
-15
-10
-5
0
2
2.5
3
3.5
4
4.5
Frequency (GHz)
Avg. IRL vs. Freq. vs.Temp.
VREF = 5 V, All Phase States
-40C
+25C
+85C
-30
-25
-20
-15
-10
-5
0
2
2.5
3
3.5
4
4.5
Frequency (GHz)
IRL vs. Freq.
VREF = 5 V, All Phase States, 25 0C
Peak
Average



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com