Electronic Components Datasheet Search
  English  ▼

X  

QPC4043 Datasheet(PDF) 13 Page - Qorvo, Inc

Part # QPC4043
Description  75廓 5 ??000MHz Voltage Controlled Attenuator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPC4043 Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button QPC4043 Datasheet HTML 9Page - Qorvo, Inc QPC4043 Datasheet HTML 10Page - Qorvo, Inc QPC4043 Datasheet HTML 11Page - Qorvo, Inc QPC4043 Datasheet HTML 12Page - Qorvo, Inc QPC4043 Datasheet HTML 13Page - Qorvo, Inc QPC4043 Datasheet HTML 14Page - Qorvo, Inc QPC4043 Datasheet HTML 15Page - Qorvo, Inc QPC4043 Datasheet HTML 16Page - Qorvo, Inc QPC4043 Datasheet HTML 17Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
QPC4043
75Ω 5 −3000MHz Voltage Controlled Attenuator
Data Sheet Rev. C, March 3, 2022 | Subject to change without notice
- 13 of 17 -
www.qorvo.com
®
Performance Plots
(cont’d.)
Test conditions unless otherwise noted: VDD = +5V, Temp = +25C, Z
ᴑ = 75Ω
-70
-60
-50
-40
-30
-20
-10
0
10
0
0.5
1
1.5
2
2.5
Voltage Control (V)
Relative Insertion Phase versus Voltage Control
Negative slope control
10MHz
500MHz
1GHz
2GHz
3GHz
-70
-60
-50
-40
-30
-20
-10
0
10
-40
-30
-20
-10
0
Attenuation (dB)
Relative Insertion Phase versus Attenuation
Negative slope control
10MHz
500MHz
1GHz
2GHz
3GHz
10
20
30
40
50
60
70
0
0.5
1
1.5
2
2.5
Voltage Control (V)
Input IP3 versus Control Voltage
Pin=+15dBm/Tone, Negative slope control
5MHz
500MHz
1GHz
1.5GHz
2GHz
3GHz
10
20
30
40
50
60
70
-40
-30
-20
-10
0
Attenuation (dB)
Input IP3 versus Attenuation
Pin=+15dBm/Tone, Negative slope control
5MHz
500MHz
1GHz
1.5GHz
2GHz
3GHz
10
20
30
40
50
60
70
0
0.5
1
1.5
2
2.5
Voltage Control (V)
Input IP3 versus Control Voltage
RF=1.5GHz, Pin=+15dBm/Tone, Negative slope control
+25c
-40c
+105c
10
20
30
40
50
60
70
-40
-30
-20
-10
0
Attenuation (dB)
Input IP3 versus Attenuation
RF=1.5GHz, Pin=+15dBm/Tone, Negative slope control
+25c
-40c
+105c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com