Electronic Components Datasheet Search
  English  ▼

X  

QPC4043 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPC4043
Description  75廓 5 ??000MHz Voltage Controlled Attenuator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPC4043 Datasheet(HTML) 2 Page - Qorvo, Inc

  QPC4043 Datasheet HTML 1Page - Qorvo, Inc QPC4043 Datasheet HTML 2Page - Qorvo, Inc QPC4043 Datasheet HTML 3Page - Qorvo, Inc QPC4043 Datasheet HTML 4Page - Qorvo, Inc QPC4043 Datasheet HTML 5Page - Qorvo, Inc QPC4043 Datasheet HTML 6Page - Qorvo, Inc QPC4043 Datasheet HTML 7Page - Qorvo, Inc QPC4043 Datasheet HTML 8Page - Qorvo, Inc QPC4043 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
QPC4043
75Ω 5 −3000MHz Voltage Controlled Attenuator
Data Sheet Rev. C, March 3, 2022 | Subject to change without notice
- 2 of 17 -
www.qorvo.com
®
Absolute Maximum Ratings
Parameter
Rating
Supply Voltage (VDD)
-0.5
to + 6.0V
Control Voltage (Vc)
-0.5
to + 6.0V
Mode Voltage (MODE)
-0.5 to +6.0V
Maximum RF Input Power
+20dBm
Storage Temperature Range
-65 to +150°C
Exceeding any one or a combination of the
Absolute Maximum Rating conditions may
cause permanent damage to the device.
Extended application of Absolute Maximum
Rating conditions to the device may reduce
device reliability.
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Supply Voltage, VDD
+3
+5.0
+5.5
V
Control Voltage, Vc
0
+2.5
V
Mode Voltage, Pos. Slope
1.0
V
Mode Voltage, Neg. Slope
0.4
V
Temperature Range
-40
+105 (2)
°C
Junction Temperature
+125
°C
(1)
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
(2)
RF input power handling derates above 85 °C
Electrical Specifications
Parameter
Condition (1)
Min
Typ
Max
Unit
Supply Current (IDD)
Steady state operation, current draw
during attenuation state transitions is
higher.
5
mA
Control Current (Ic)
Steady state operation, current draw
during attenuation state transitions is
higher.
50
µA
Frequency Range
5
3000
MHz
Minimum Insertion Loss
1.5
2
dB
Attenuation Control Range
25
dB
Attenuation Slope
17
dB/V
Attenuation Delta Across
Temperature
R
elative attenuation ≤ 25 dB
1.2
dB
Relative Insertion Phase
2
deg/(dB GHz)
Input Return Loss
18
dB
Output Return Loss
18
dB
RF Input Power
15
dBm
Input P1dB
30
dBm
Input IP2
Frequency >= 50MHz
65
dBm
Input IP3
43
dBm
Settling Time
1dB step settling to 0.1dB of final value,
relative attenuation <25dB
250
µS
Thermal Resistance
26
°C/W
Notes:
1. Typical performance at these conditions: Temp = +25°C, 1200MHz, VDD
= +5V, 75Ω system
2. IIP3 tone spacing = 1MHz; Pin = +15dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com