Electronic Components Datasheet Search
  English  ▼

X  

QPC3614PCK Datasheet(PDF) 13 Page - Qorvo, Inc

Part # QPC3614PCK
Description  75廓 5 ??500MHz Digital Step Attenuator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPC3614PCK Datasheet(HTML) 13 Page - Qorvo, Inc

Back Button QPC3614PCK Datasheet HTML 9Page - Qorvo, Inc QPC3614PCK Datasheet HTML 10Page - Qorvo, Inc QPC3614PCK Datasheet HTML 11Page - Qorvo, Inc QPC3614PCK Datasheet HTML 12Page - Qorvo, Inc QPC3614PCK Datasheet HTML 13Page - Qorvo, Inc QPC3614PCK Datasheet HTML 14Page - Qorvo, Inc QPC3614PCK Datasheet HTML 15Page - Qorvo, Inc QPC3614PCK Datasheet HTML 16Page - Qorvo, Inc QPC3614PCK Datasheet HTML 17Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
QPC3614
75Ω 5 −1500MHz Digital Step Attenuator
Data Sheet Rev. D, Feb 28, 2018 | Subject to change without notice
- 13 of 19 -
www.qorvo.com
®
Pad Configuration and Description
Top View
Pin
Label
Description
1
C16
16dB Parallel Control Bit
2
RFIN
RF Input Pin: Incident RF power must enter this pin for rated thermal performance and reliability. Do not apply
DC power to this pin. Pin may be DC grounded externally and is grounded through resistors.
3
DATA
Serial Bus Data Input
4
CLK
Serial Bus Clock Input
5
LE
Latch Enable: The leading edge of signal on LE causes the attenuator to change state for serial and latched
parallel modes. For direct parallel mode keep LE at logic high level.
6
VDD
Supply Voltage
7
NC
No Connection
8
NC
No Connection
9
VDD
Supply Voltage
10
GND
Ground Pin
11
GND
Ground Pin
12
VSS
External Negative Supply Voltage. Ground VSS pin to use internal negative voltage generator
13
PBAR/S
Mode Select Pin, Logic Low = Parallel, Logic High = Serial
14
RFOUT
RF Output Pin: Pin may be DC grounded externally and is grounded thru resistors internal to the part.
15
C8
8dB Parallel Control Bit
16
C4
4dB Parallel Control Bit
17
C2
2dB Parallel Control Bit
18
GND
Ground Pin
19
C1
1dB Parallel Control Bit
20
C0.5
0.5dB Parallel Control Bit
Backside Paddle
RF/DC GND
RF/DC ground. Use recommended via pattern to minimize inductance and thermal resistance. See PCB
Mounting Pattern for suggested footprint.
19
1
2
3
4
18
17
16
14
13
12
11
6
7
8
9
6-BIT DSA
LOGIC CONTROL
C16
RFIN
DATA
CLK
C8
RFOUT
PBAR/S
VSS
5
10
15
20
LE
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com