Electronic Components Datasheet Search
  English  ▼

X  

QPC3614PCK Datasheet(PDF) 3 Page - Qorvo, Inc

Part # QPC3614PCK
Description  75廓 5 ??500MHz Digital Step Attenuator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPC3614PCK Datasheet(HTML) 3 Page - Qorvo, Inc

  QPC3614PCK Datasheet HTML 1Page - Qorvo, Inc QPC3614PCK Datasheet HTML 2Page - Qorvo, Inc QPC3614PCK Datasheet HTML 3Page - Qorvo, Inc QPC3614PCK Datasheet HTML 4Page - Qorvo, Inc QPC3614PCK Datasheet HTML 5Page - Qorvo, Inc QPC3614PCK Datasheet HTML 6Page - Qorvo, Inc QPC3614PCK Datasheet HTML 7Page - Qorvo, Inc QPC3614PCK Datasheet HTML 8Page - Qorvo, Inc QPC3614PCK Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
QPC3614
75Ω 5 −1500MHz Digital Step Attenuator
Data Sheet Rev. D, Feb 28, 2018 | Subject to change without notice
- 3 of 19 -
www.qorvo.com
®
Typical Application Schematic
– Serial Mode; 5 − 1500MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com