Electronic Components Datasheet Search
  English  ▼

X  

2907192 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2907192
Description  Electronic device circuit breaker - HMC 11 120AC 2A C1D2
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2907192 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2907192 Datasheet HTML 1Page - PHOENIX CONTACT 2907192 Datasheet HTML 2Page - PHOENIX CONTACT 2907192 Datasheet HTML 3Page - PHOENIX CONTACT 2907192 Datasheet HTML 4Page - PHOENIX CONTACT 2907192 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/products/2907192
01/20/2017   Page 1 / 5
Electronic device circuit breaker - HMC 11 120AC 2A C1D2 - 2907192
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
HMC series of supplemental circuit protector modules, 2 A rating
Why buy this product
 Optional T-bus for reduced wiring
 UL recognized for hazardous locations Class I, Division 2, Groups A, B, C, and D
 Dual-rated for 50 V DC and 120 V AC
 Hydraulic-magnetic technology provides extended temperature stability
Key Commercial Data
Packing unit
1 STK
GTIN
GTIN
4055626342351
Weight per Piece (excluding packing)
150.000 g
Country of origin
United States
Technical data
Note
Trade restriction
The products are offered exclusively for export outside the EU and the
European Economic Area.
Dimensions
Height
93.6 mm
Width
22.6 mm
Depth
109.2 mm
Ambient conditions
Ambient temperature (operation)
-40 °C ... 65 °C
Ambient temperature (storage/transport)
-40 °C ... 65 °C
General


Similar Part No. - 2907192

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2907190 PHOENIX-2907190 Datasheet
51Kb / 2P
Fuse set - FUSE/TE5/5A/T-10PCS
09/12/2020
2907191 PHOENIX-2907191 Datasheet
85Kb / 5P
Electronic device circuit breaker - HMC 11 120AC 1A C1D2
01/20/2017
2907193 PHOENIX-2907193 Datasheet
85Kb / 5P
Electronic device circuit breaker - HMC 11 120AC 3A C1D2
01/20/2017
2907194 PHOENIX-2907194 Datasheet
85Kb / 5P
Electronic device circuit breaker - HMC 11 120AC 5A C1D2
01/20/2017
2907195 PHOENIX-2907195 Datasheet
85Kb / 5P
Electronic device circuit breaker - HMC 11 120AC 7.5A C1D2
01/20/2017
More results

Similar Description - 2907192

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2907191 PHOENIX-2907191 Datasheet
85Kb / 5P
Electronic device circuit breaker - HMC 11 120AC 1A C1D2
01/20/2017
2907193 PHOENIX-2907193 Datasheet
85Kb / 5P
Electronic device circuit breaker - HMC 11 120AC 3A C1D2
01/20/2017
2907194 PHOENIX-2907194 Datasheet
85Kb / 5P
Electronic device circuit breaker - HMC 11 120AC 5A C1D2
01/20/2017
2907195 PHOENIX-2907195 Datasheet
85Kb / 5P
Electronic device circuit breaker - HMC 11 120AC 7.5A C1D2
01/20/2017
2907196 PHOENIX-2907196 Datasheet
85Kb / 5P
Electronic device circuit breaker - HMC 11 120AC 10A C1D2
01/20/2017
2907197 PHOENIX-2907197 Datasheet
85Kb / 5P
Electronic device circuit breaker - HMC 11 120AC 15A C1D2
01/20/2017
2907199 PHOENIX-2907199 Datasheet
85Kb / 5P
Electronic device circuit breaker - HMC 11 50DC 20A C1D2
01/20/2017
2907200 PHOENIX-2907200 Datasheet
86Kb / 5P
Electronic device circuit breaker - HMC 11 120AC 1A C1D2TBUS
01/20/2017
2907201 PHOENIX-2907201 Datasheet
86Kb / 5P
Electronic device circuit breaker - HMC 11 120AC 2A C1D2TBUS
01/20/2017
2907202 PHOENIX-2907202 Datasheet
86Kb / 5P
Electronic device circuit breaker - HMC 11 120AC 3A C1D2TBUS
01/20/2017
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com