Electronic Components Datasheet Search
  English  ▼

X  

2907192 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2907192
Description  Electronic device circuit breaker - HMC 11 120AC 2A C1D2
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2907192 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2907192 Datasheet HTML 1Page - PHOENIX CONTACT 2907192 Datasheet HTML 2Page - PHOENIX CONTACT 2907192 Datasheet HTML 3Page - PHOENIX CONTACT 2907192 Datasheet HTML 4Page - PHOENIX CONTACT 2907192 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/us/products/2907192
01/20/2017   Page 2 / 5
Electronic device circuit breaker - HMC 11 120AC 2A C1D2 - 2907192
Technical data
General
Flammability rating according to UL 94
V0
Mounting type
DIN rail: 35 mm
Color
gray
Number of positions
4
Electrical data
Rated voltage
120 V AC (50/60 Hz)
50 V DC
Nominal current IN
2 A
Rated short-circuit switching capacity Icn
1 kA ()
Standards and Regulations
Standards/specifications
UL 1077
Drawings
Diagram
0
100 200 300 400 500 600 700 800 900 1000
150
135
1
10³
10²
10
10⁴
10¹
10²
10³
I [%]
N
Dimensional drawing
93,6
22,6
Classifications
eCl@ss
eCl@ss 5.0
27141116
eCl@ss 5.1
27141116
eCl@ss 8.0
27141116
eCl@ss 9.0
27141116
ETIM
ETIM 5.0
EC000899
UNSPSC
UNSPSC 13.2
39121410



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com