Electronic Components Datasheet Search
  English  ▼

X  

BVS002F Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BVS002F
Description  Machine Vision
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BVS002F Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BVS002F Datasheet HTML 1Page - Balluff Korea Ltd. BVS002F Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Machine Vision
BVS SC-C1280Z00-30-000
Order Code: BVS002F
Internet
www.balluff.com
eCl@ss 9.1: 27-31-02-01
Subject to change without notice: 249624
ETIM 6.0: EC001820
BVS002F_0.105_2021-04-27
1 / 2
1) Tightening torque
Basic features
Application
Object tracking
code+text analysis
Object verification
Approval/Conformity
CE
cULus
WEEE
EAC
Frame rate
max. 60 fps
Image resolution
1280 x 1024 pixels
Pixel size
5.3 x 5.3 µm
Sensor type Vision
CMOS 1/1,8" color global shutter
Version
SmartCamera for standard
applications
Electrical connection
Polarity reversal protected
yes
Short-circuit protection
yes
Electrical data
No-load current Io max. at Ue
300 mA
Operating voltage Ub
19.2...28.8 VDC
Output current max.
1.2 A
Environmental conditions
Ambient temperature
0...55 °C
EN 60068-2-27, Shock
100 G, half-sine, 1000 pos., 1000
neg., X, Y, Z
EN 60068-2-6, Vibration
15 G, 10 - 500 Hz, 5h X, Y, Z
IP rating
IP67, with protective tube
Storage temperature
-25...70 °C


Similar Part No. - BVS002F

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BVS0001 BALLUFF-BVS0001 Datasheet
180Kb / 3P
Optical Identification
0.5_2021-12-17
BVS0005 BALLUFF-BVS0005 Datasheet
144Kb / 3P
Machine Vision
0.4_2021-04-13
BVS000E BALLUFF-BVS000E Datasheet
144Kb / 3P
Machine Vision
0.42_2021-04-13
BVS000F BALLUFF-BVS000F Datasheet
144Kb / 3P
Machine Vision
0.46_2021-04-26
BVS000J BALLUFF-BVS000J Datasheet
144Kb / 3P
Machine Vision
0.46_2021-04-13
More results

Similar Description - BVS002F

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BAE0103 BALLUFF-BAE0103 Datasheet
109Kb / 2P
Machine Vision
BVS0014 BALLUFF-BVS0014 Datasheet
144Kb / 3P
Machine Vision
0.47_2021-04-13
BVS0016 BALLUFF-BVS0016 Datasheet
144Kb / 3P
Machine Vision
0.46_2021-04-13
BVS0037 BALLUFF-BVS0037 Datasheet
156Kb / 2P
Machine Vision
1.32_2021-07-17
BVS000E BALLUFF-BVS000E Datasheet
144Kb / 3P
Machine Vision
0.42_2021-04-13
BVS000F BALLUFF-BVS000F Datasheet
144Kb / 3P
Machine Vision
0.46_2021-04-26
BVS000K BALLUFF-BVS000K Datasheet
144Kb / 3P
Machine Vision
0.44_2021-04-13
BVS001L BALLUFF-BVS001L Datasheet
179Kb / 3P
Machine Vision
0.51_2021-04-13
BVS001M BALLUFF-BVS001M Datasheet
179Kb / 3P
Machine Vision
0.46_2021-04-13
BVS003K BALLUFF-BVS003K Datasheet
144Kb / 2P
Machine Vision
1.34_2021-04-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com