Electronic Components Datasheet Search
  English  ▼

X  

BVS002F Datasheet(PDF) 2 Page - Balluff Korea Ltd.

Part # BVS002F
Description  Machine Vision
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BVS002F Datasheet(HTML) 2 Page - Balluff Korea Ltd.

  BVS002F Datasheet HTML 1Page - Balluff Korea Ltd. BVS002F Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Machine Vision
BVS SC-C1280Z00-30-000
Order Code: BVS002F
Internet
www.balluff.com
eCl@ss 9.1: 27-31-02-01
Subject to change without notice: 249624
ETIM 6.0: EC001820
BVS002F_0.105_2021-04-27
2 / 2
Functional Characteristics
2D codes
Aztec Code
Data Matrix ECC 200
GS1 Aztec Code
GS1 Data Matrix
GS1 QR Code
Micro QR Code
PDF 417
QR code
Barcodes
GS1 Databar, GS1-128, UPC-A,
UPC-E, EAN-8, EAN-13, 2/5
Industrial, 2/5 Interleaved,
Codabar, Code 128, Code 39,
Code 93, MSI, UPC-A, UPC-E
Data storage
4 GB NAND Flash, 1 GB SDRAM
MTTF (40 °C)
56 a
Interface
Interface
LAN (Gigabit Ethernet)
Profinet / EtherNet/IP
IO-Link
Switching output
2x IO configurable
Material
Housing material
Aluminum, Painted
Mechanical data
Dimension
62 x 55 x 110 mm
Lens mount
C-Mount
Mounting part
Screw M4
Weight
360 g
Remarks
Not included in scope of delivery: Protective tube, camera lens, filter, light, connection cable
see www.balluff.com
For more information about MTTF and B10d see MTTF / B10d Certificate
Indication of the MTTF- / B10d value does not represent a binding composition and/or life expectancy assurance; these are simply experiential values with
no warranty implications. These declared values also do not extend the expiration period for defect claims or affect it in any way.
Connector Drawings
1) View towards connector
2) Female 5-pin/ Function
1) View towards connector
2) Socket 8-pin/ Function
1) View towards connector
2) Male 5-pin/ Function
1) View towards connector
2) Female 4-pin/ Function



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com