Electronic Components Datasheet Search
  English  ▼

X  

ART700FHU Datasheet(PDF) 5 Page - Ampleon Netherlands B.V.

Part # ART700FHU
Description  Power LDMOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART700FHU Datasheet(HTML) 5 Page - Ampleon Netherlands B.V.

  ART700FHU Datasheet HTML 1Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 2Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 3Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 4Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 5Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 6Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 7Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 8Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ART700FH
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2021. All rights reserved.
Product data sheet
Rev. 1 — 24 September 2021
5 of 16
ART700FH
Power LDMOS transistor
7.
Test information
7.1 Ruggedness in class-AB operation
The ART700FH is capable of withstanding a load mismatch corresponding to
VSWR
 65 : 1 through all phases under the following conditions: P
L = 700 W pulsed at
VDS = 50 V and PL = 800 W pulsed at VDS =55 V; IDq = 50 mA per section; tp =100 s;
 =10%; f=108MHz.
7.2 Impedance information
Fig 3.
Definition of transistor impedance
Table 9.
Typical push-pull impedance
Simulated Zi and ZL device impedance.
f
Zi
ZL
PL
(MHz)
(
)
(
)
(W)
VDS =50V
108
4.75
 j17.00
6.60 + j1.10
700
VDS =55V
108
4.75
 j17.00
6.95 + j1.30
800
amp01314
gate 1
gate 2
drain 2
drain 1
ZL
Zi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com