Electronic Components Datasheet Search
  English  ▼

X  

ART700FHU Datasheet(PDF) 7 Page - Ampleon Netherlands B.V.

Part # ART700FHU
Description  Power LDMOS transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

ART700FHU Datasheet(HTML) 7 Page - Ampleon Netherlands B.V.

Back Button ART700FHU Datasheet HTML 3Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 4Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 5Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 6Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 7Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 8Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 9Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 10Page - Ampleon Netherlands B.V. ART700FHU Datasheet HTML 11Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ART700FH
All information provided in this document is subject to legal disclaimers.
© Ampleon Netherlands B.V. 2021. All rights reserved.
Product data sheet
Rev. 1 — 24 September 2021
7 of 16
ART700FH
Power LDMOS transistor
[1]
AVX type 800B or capacitor of same quality.
7.4 Graphical data
7.4.1 1-Tone CW pulsed
R3, R4, R5, R6
chip resistor
20 k
SMD 1206
R7, R8
chip resistor
0.01
Vishay: WSHP2818
T1, T2, T3, T4
hand formable coax
50
, 160 mm
SUCOFORM 141
Table 10.
List of components …continued
For test circuit see Figure 4.
Component
Description
Value
Remarks
VDS =55V; IDq = 50 mA per section; f = 108 MHz;
tp = 100 s;  =10 %.
VDS =55V; IDq = 50 mA per section; f = 108 MHz;
tp = 100 s;  =10 %.
(1) PL(1dB) = 58.95 dBm (785 W)
(2) PL(3dB) = 59.32 dBm (855 W)
Fig 5.
Power gain and drain efficiency as function of
output power; typical values
Fig 6.
Output power as a function of input power;
typical values
amp01671
0
200
400
600
800
1000
24
10
26
30
28
50
30
70
32
90
PL (W)
Gp
Gp
(dB)
(dB)
(dB)
ηD
ηD
(%)
(%)
(%)
Gp
Gp
ηD
ηD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com