Electronic Components Datasheet Search
  English  ▼

X  

BLF642 Datasheet(PDF) 6 Page - Ampleon Netherlands B.V.

Part # BLF642
Description  Broadband power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF642 Datasheet(HTML) 6 Page - Ampleon Netherlands B.V.

Back Button BLF642 Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF642 Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF642 Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF642 Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF642 Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF642 Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF642 Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF642 Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF642 Datasheet HTML 10Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
BLF642#3
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 1 September 2015
6 of 12
BLF642
Broadband power LDMOS transistor
8.1.4 DVB-T
8.2 Test circuit
VDS = 32 V; IDq = 200 mA; f = 1300 MHz.
VDS = 32 V; IDq = 200 mA; f = 1300 MHz.
Fig 6.
Power gain and drain efficiency as function of
average load power; typical values
Fig 7.
PAR and IMDshldr as function of average load
power; typical values
PL(AV) (W)
025
20
10
15
5
001aao321
18
19
20
Gp
(dB)
ηD
(%)
17
20
40
60
0
ηD
Gp
PL(AV) (W)
025
20
10
15
5
001aao320
-40
-20
0
IMDshldr
(dBc)
PAR
(dB)
-60
4
8
12
0
IMDshldr
PAR
See Table 8 for a list of components.
Fig 8.
Component layout for class-AB amplifier
001aao322
+
-
+
-
C2
C3
C5
C6
C11
C18
C20
C13
C14
C15
C16
C17
C12
C19
C4
R1
C1
28.4 mm
40 mm
5.9 mm
6 mm
10.3 mm
24.4 mm
37.7 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com