Electronic Components Datasheet Search
  English  ▼

X  

BLF647PS Datasheet(PDF) 4 Page - Ampleon Netherlands B.V.

Part # BLF647PS
Description  Broadband power LDMOS transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF647PS Datasheet(HTML) 4 Page - Ampleon Netherlands B.V.

  BLF647PS Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF647PS Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF647PS Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF647PS Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF647PS Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF647PS Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF647PS Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF647PS Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF647PS Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
BLF647PS#3
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 1 September 2015
4 of 14
BLF647PS
Broadband power LDMOS transistor
7.2 Test circuit information
See Table 9 for a list of components.
Fig 1.
Schematic for class-AB production test circuit
aaa-006003
L11
L12
L4
C6
C12
L13
L14
C11
L5
L2
L3
C8
R2
R4
+Vgs2
T1
C5
R3
R1
C4
C7
+Vgs1
+Vds1
T2
+Vds2
50 Ω
C1
L1
C3
C2
C13
C22
C23
C17
L15
C18
C14
C15
C16
50 Ω
C19
C21
C20
See Table 9 for a list of components.
Fig 2.
Component layout for class-AB production test circuit
aaa-006004
6 mm
6 mm
29 mm
60 mm
60 mm
60 mm
R4
R3
C8
C7
C5
C4
C6
C12
C19
C20
C21
C13
C14
C15
C16
C18
C17
C22
C23
C11
C1
C2
C3
R1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com