Electronic Components Datasheet Search
  English  ▼

X  

LULC09 Datasheet(PDF) 2 Page - Schneider Electric

Part # LULC09
Description  DeviceNet communication module, TeSys U, 24V DC supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LULC09 Datasheet(HTML) 2 Page - Schneider Electric

  LULC09 Datasheet HTML 1Page - Schneider Electric LULC09 Datasheet HTML 2Page - Schneider Electric LULC09 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Local signalling
3 LEDs front panel
Connection pitch
0.20 in (5 mm) open style DeviceNet
0.15 in (3.81 mm)
Connections - terminals
screw clamp terminals 1 0.00…0.00 in² (0.14…1 mm²)flexible without cable end
screw clamp terminals 1 0.00…0.00 in² (0.14…1 mm²)rigid without cable end
screw clamp terminals 1 0.00…0.00 in² (0.25…0.5 mm²)flexible with cable end
screw clamp terminals 1 0.00…0.00 in² (0.25…1 mm²)flexible with cable end
screw clamp terminals 2 0.00…0.00 in² (0.14…0.5 mm²)rigid without cable end
screw clamp terminals 2 0.00…0.00 in² (0.14…0.75 mm²)flexible without cable end
screw clamp terminals 2 0.00…0.00 in² (0.25…0.34 mm²)flexible with cable end
BUS 1 0.00…0.00 in² (0.2…2.5 mm²)flexible without cable end
BUS 1 0.00…0.00 in² (0.2…2.5 mm²)rigid without cable end
BUS 1 0.00…0.00 in² (0.25…2.5 mm²)flexible with cable end
BUS 2 0.00…0.00 in² (0.14…0.5 mm²)rigid without cable end
BUS 2 0.00…0.00 in² (0.25…1 mm²)flexible with cable end
BUS 2 0.00…0.00 in² (0.5…1.5 mm²)flexible with cable end
BUS 2 0.00…0.00 in² (0.5…1.5 mm²)flexible without cable end
screw clamp terminals 2 0.00 in² (0.75 mm²)flexible with cable end
Associated cable type
AWG 26...AWG 16 screw clamp terminals
AWG24...AWG16 BUS
Tightening torque
1.77…2.21 lbf.in (0.2…0.25 N.m) flat Ø 2.5 mm
4.43…5.31 lbf.in (0.5…0.6 N.m) flat Ø 3.5 mm
Environment
Standards
IEC 62026-1
Ambient Air Temperature for
Operation
-13…131 °F (-25…55 °C)
IP degree of protection
IP20 conforming to IEC 60529
Ordering and shipping details
Category
22398-TESYS U - MULTI-FCTN CTRL MOD(LUCM)
Discount Schedule
I11
GTIN
3389119409759
Nbr. of units in pkg.
1
Package weight(Lbs)
3.88 oz (110.0 g)
Returnability
No
Country of origin
FR
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
1.81 in (4.6 cm)
Package 1 width
1.97 in (5 cm)
Package 1 Length
4.45 in (11.3 cm)
Unit Type of Package 2
S02
Number of Units in Package 2
35
Package 2 Weight
9.17 lb(US) (4.16 kg)
Package 2 Height
5.91 in (15 cm)
Package 2 width
11.81 in (30 cm)
Package 2 Length
15.75 in (40 cm)
Offer Sustainability
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
EU RoHS Declaration
2
May 11, 2022



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com