Electronic Components Datasheet Search
  English  ▼

X  

LULC09 Datasheet(PDF) 1 Page - Schneider Electric

Part # LULC09
Description  DeviceNet communication module, TeSys U, 24V DC supply
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LULC09 Datasheet(HTML) 1 Page - Schneider Electric

  LULC09 Datasheet HTML 1Page - Schneider Electric LULC09 Datasheet HTML 2Page - Schneider Electric LULC09 Datasheet HTML 3Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Product data sheet
Specifications
DeviceNet communication module,
TeSys U, 24V DC supply
LULC09
Product availability : Stock - Normally stocked in distribution
facility
Price* : 218.00 USD
Main
Range
TeSys
Device short name
LUL
Product or Component Type
Communication module
Product Compatibility
LUCB
LUCM
LUCA
LUCD
LUCL
LUCC
Device Application
Communication
Range compatibility
TeSys U LUB non reversing power base
TeSys U LU2B reversing power base
Complementary
Main function available
Communication module
Mounting Mode
Plug-in
Mounting Location
Front side
Physical interface
Open style connector
Bus type
DeviceNet
Communication Port Protocol
CAN2.0A
CAN2.B
Addressing
0...63
Current consumption
1.5 mA 24 V DC 20...28 V
Logic input
Positive 24 V DC - 7 mA
Response time
10 ms +/- 30 % change to state 0
10 ms +/- 30 % change to state 1
Input type
Resistive
Number of outputs
2 dedicated to starter-controller coil operation
1
[Us] rated supply voltage
24 V DC
Output Current
<= 500 mA
Protection Type
GL fuse 2 A
Switching current capacity
0.5 mA 24 V
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
May 11, 2022
1


Similar Part No. - LULC09

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LULC031 SCHNEIDER-LULC031 Datasheet
95Kb / 2P
Modbus communication module - for TeSys U - 24 V DC
May 11, 2022
LULC033 SCHNEIDER-LULC033 Datasheet
105Kb / 2P
Modbus communication module, TeSys Ultra, 24VDC supply
May 11, 2022
LULC07 SCHNEIDER-LULC07 Datasheet
95Kb / 2P
profibus communication module, TeSys Ultra, 24VDC
May 11, 2022
LULC08 SCHNEIDER-LULC08 Datasheet
99Kb / 3P
CANopen communication module, TeSys Ultra, 24VDC supply
May 11, 2022
More results

Similar Description - LULC09

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
GMDN REDLION-GMDN Datasheet
473Kb / 2P
DeviceNet Protocol Communication
logo
PULS GmbH
QS10.DNET PULS-QS10.DNET Datasheet
686Kb / 22P
24V, 8A, DEVICENET POWER SUPPLY
QS5.DNET PULS-QS5.DNET Datasheet
686Kb / 21P
24V, 3.8A, NEC CLASS 2, DEVICENET POWER SUPPLY
logo
Schneider Electric
LU2B12BL SCHNEIDER-LU2B12BL Datasheet
84Kb / 4P
Reversing power base, TeSys U, 3P, 12A/690V, coil 24V DC
Apr 30, 2021
LU2B32BL SCHNEIDER-LU2B32BL Datasheet
84Kb / 4P
Reversing power base, TeSys U, 3P, 32A/690V, coil 24V DC
Apr 30, 2021
ASILUFC51 SCHNEIDER-ASILUFC51 Datasheet
99Kb / 2P
Communication module, TeSys Ultra
May 11, 2022
LULC08 SCHNEIDER-LULC08 Datasheet
99Kb / 3P
CANopen communication module, TeSys Ultra, 24VDC supply
May 11, 2022
LULC031 SCHNEIDER-LULC031 Datasheet
95Kb / 2P
Modbus communication module - for TeSys U - 24 V DC
May 11, 2022
LULC033 SCHNEIDER-LULC033 Datasheet
105Kb / 2P
Modbus communication module, TeSys Ultra, 24VDC supply
May 11, 2022
LULC15 SCHNEIDER-LULC15 Datasheet
103Kb / 3P
Advantys STB communication module, TeSys Ultra, 24VDC supply
May 11, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com