Electronic Components Datasheet Search
  English  ▼

X  

BLF882S Datasheet(PDF) 4 Page - Ampleon Netherlands B.V.

Part # BLF882S
Description  UHF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF882S Datasheet(HTML) 4 Page - Ampleon Netherlands B.V.

  BLF882S Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF882S Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF882S Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF882S Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF882S Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF882S Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF882S Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF882S Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF882S Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
BLF882_BLF882S#3
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 3 — 1 September 2015
4 of 12
BLF882; BLF882S
UHF power LDMOS transistor
7.2 Test circuit
[1]
American Technical Ceramics type 100B.
[2]
American Technical Ceramics type 800A.
[3]
American Technical Ceramics type 800B.
Printed-Circuit Board (PCB): Taconic RF-35;
r = 3.5 F/m; thickness = 0.765 mm;
thickness copper plating = 35
m, gold plated.
See Table 9 for a list of components.
Fig 1.
Component layout for class-AB production test circuit
Table 9.
List of components
For test circuit see Figure 1.
Component
Description
Value
Remarks
C1
multilayer ceramic chip capacitor
62 pF
[1]
C2
multilayer ceramic chip capacitor
100 nF
C3, C9
multilayer ceramic chip capacitor
56 pF
[1]
C4
multilayer ceramic chip capacitor
12 pF
[2]
C5
multilayer ceramic chip capacitor
11 pF
[2]
C6, C7
multilayer ceramic chip capacitor
24 pF
[2]
C8
electrolytic capacitor
220
F
C10, C11, C12
electrolytic capacitor
750 pF
[1]
C13
multilayer ceramic chip capacitor
16 pF
[3]
C14
multilayer ceramic chip capacitor
18 pF
[3]
C15
multilayer ceramic chip capacitor
5.6 pF
[3]
C16
multilayer ceramic chip capacitor
6.8 pF
[3]
C17
multilayer ceramic chip capacitor
56 pF
[3]
L1, L2, L3
3 turn 1 mm spiral coil
D = 3.0 mm; 120 nH
R1, R2
resistor
10
SMD 1206
R3
resistor
15
SMD 1206
aaa-018618
90 mm
70 mm
C3
C1
R2
C2
R1
C4 C5
C14
C10
C11
C12
C13
C9
C8
R3
C15
C17
C16
C7
C6
L1
L3
L2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com