Electronic Components Datasheet Search
  English  ▼

X  

BLF882S Datasheet(PDF) 1 Page - Ampleon Netherlands B.V.

Part # BLF882S
Description  UHF power LDMOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF882S Datasheet(HTML) 1 Page - Ampleon Netherlands B.V.

  BLF882S Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF882S Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF882S Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF882S Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF882S Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF882S Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF882S Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF882S Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF882S Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1. Product profile
1.1 General description
A 200 W LDMOS RF power transistor for broadcast transmitter applications and industrial
applications. The transistor can deliver 200 W in broadband applications from HF to
860 MHz. The excellent ruggedness and broadband performance of this device makes it
ideal for digital transmitter applications.
[1]
PAR of output signal at 0.01% probability on CCDF; PAR of input signal = 9.5 dB at 0.01% probability on
CCDF.
1.2 Features and benefits
Integrated ESD protection
Excellent ruggedness
High power gain
High efficiency
Excellent reliability
Easy power control
Compliant to Directive 2002/95/EC, regarding restriction of hazardous substances
(RoHS)
1.3 Applications
Transmitter applications in the HF to 860 MHz frequency range
Industrial applications in the HF to 860 MHz frequency range
Broadcast transmitters
BLF882; BLF882S
UHF power LDMOS transistor
Rev. 3 — 1 September 2015
Product data sheet
Table 1.
Test information
RF performance at Tcase =25 C in a class-AB test circuit.
Test signal
f
VDS
PL(AV)
Gp
D
PAR
(MHz)
(V)
(W)
(dB)
(%)
(dB)
RF performance in a class-AB 705 MHz narrowband test circuit
CW, class-AB
705
50
180
21
62
-
CW pulsed, class-AB
705
50
200
21
63
-
RF performance in a class-AB 470 MHz to 705 MHz broadband test circuit
DVB-T (8k OFDM)
470 to 705
50
33
20
28 to 31
8.0 to 8.4 [1]


Similar Part No. - BLF882S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF882 PHILIPS-BLF882_15 Datasheet
175Kb / 12P
UHF power LDMOS transistor
Rev. 2-3 July 2015
More results

Similar Description - BLF882S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF2047 PHILIPS-BLF2047 Datasheet
101Kb / 12P
UHF power LDMOS transistor
1999 Dec 02
BLF2047L PHILIPS-BLF2047L Datasheet
103Kb / 12P
UHF power LDMOS transistor
1999 Dec 06
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
UHF power LDMOS transistor
30-Jan-2006
logo
NXP Semiconductors
BLF6G20-45 PHILIPS-BLF6G20-45 Datasheet
46Kb / 8P
UHF power LDMOS transistor
Rev. 01-20 February 2006
BLF6G20-180P PHILIPS-BLF6G20-180P Datasheet
49Kb / 8P
UHF power LDMOS transistor
Rev. 01-19 April 2006
BLF4G10-120 PHILIPS-BLF4G10-120 Datasheet
115Kb / 14P
UHF power LDMOS transistor
Rev. 01-10 January 2006
BLF878 NXP-BLF878 Datasheet
147Kb / 18P
UHF power LDMOS transistor
Rev. 01-15 December 2008
BLF881_1012 PHILIPS-BLF881_1012 Datasheet
202Kb / 18P
UHF power LDMOS transistor
Rev. 3-7 December 2010
logo
New Jersey Semi-Conduct...
BLF861A NJSEMI-BLF861A Datasheet
100Kb / 2P
UHF power LDMOS transistor
logo
Quanzhou Jinmei Electro...
BLF872_2015 JMNIC-BLF872_2015 Datasheet
159Kb / 16P
UHF power LDMOS transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com