Electronic Components Datasheet Search
  English  ▼

X  

BLF888AS Datasheet(PDF) 5 Page - Ampleon Netherlands B.V.

Part # BLF888AS
Description  UHF power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF888AS Datasheet(HTML) 5 Page - Ampleon Netherlands B.V.

  BLF888AS Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
BLF888A_BLF888AS#6
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 6 — 1 September 2015
5 of 17
BLF888A; BLF888AS
UHF power LDMOS transistor
6.1 Ruggedness in class-AB operation
The BLF888A and BLF888AS are capable of withstanding a load mismatch corresponding
to VSWR
 40 : 1 through all phases under the following conditions: VDS =50V;
f = 860 MHz at rated power.
7. Application information
7.1 Narrowband RF figures
7.1.1 2-Tone
VDS = 50 V; IDq = 1.3 A; measured in a common source
narrowband 860 MHz test circuit.
VDS = 50 V; IDq = 1.3 A; measured in a common source
narrowband 860 MHz test circuit.
Fig 2.
2-Tone power gain and drain efficiency as
function of load power; typical values
Fig 3.
2-Tone power gain and third order
intermodulation distortion as load power;
typical values
PL(AV) (W)
0
500
400
200
300
100
001aan761
16
20
24
Gp
(dB)
ηD
(%)
12
20
40
60
0
Gp
ηD
PL(AV) (W)
0
500
400
200
300
100
001aan762
16
20
24
Gp
(dB)
IMD3
(dBc)
12
-40
-20
0
-60
Gp
IMD3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com