Electronic Components Datasheet Search
  English  ▼

X  

BLF888AS Datasheet(PDF) 6 Page - Ampleon Netherlands B.V.

Part # BLF888AS
Description  UHF power LDMOS transistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF888AS Datasheet(HTML) 6 Page - Ampleon Netherlands B.V.

Back Button BLF888AS Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 9Page - Ampleon Netherlands B.V. BLF888AS Datasheet HTML 10Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
BLF888A_BLF888AS#6
All information provided in this document is subject to legal disclaimers.
© Ampleon The Netherlands B.V. 2015. All rights reserved.
Product data sheet
Rev. 6 — 1 September 2015
6 of 17
BLF888A; BLF888AS
UHF power LDMOS transistor
7.1.2 DVB-T
7.2 Broadband RF figures
7.2.1 DVB-T
VDS = 50 V; IDq = 1.3 A; measured in a common source
narrowband 860 MHz test circuit.
VDS = 50 V; IDq = 1.3 A; measured in a common source
narrowband 860 MHz test circuit.
Fig 4.
DVB-T power gain and intermodulation
distortion shoulder as function of load power;
typical values
Fig 5.
DVB-T peak-to-average ratio and drain
efficiency as function of load power;
typical values
PL(AV) (W)
0
100
200
300
350
250
150
50
001aam582
16
20
24
Gp
(dB)
12
18
22
14
IMDshldr
(dBc)
−40
−20
0
−60
−30
−10
−50
Gp
IMDshldr
PL(AV) (W)
0
100
200
300
350
250
150
50
001aam583
4
8
12
PAR
(dB)
0
6
10
2
ηD
(%)
20
40
60
0
30
50
10
PAR
ηD
PL(AV) = 110 W; VDS = 50 V; IDq = 1.3 A; measured in a
common source broadband test circuit as described in
Section 8.
PL(AV) = 110 W; VDS = 50 V; IDq = 1.3 A; measured in a
common source broadband test circuit as described in
Section 8.
Fig 6.
DVB-T power gain and intermodulation
distortion shoulder as a function of frequency;
typical values
Fig 7.
DVB-T peak-to-average ratio and drain
efficiency as function of frequency;
typical values
f (MHz)
400
900
800
600
700
500
001aam585
16
12
20
24
Gp
(dB)
IMDshldr
(dBc)
8
−30
−40
−20
−10
−50
Gp
IMDshldr
f (MHz)
400
900
800
600
700
500
001aam584
7.5
6.5
8.5
9.5
PAR
(dB)
ηD
(%)
5.5
30
20
40
50
10
ηD
PAR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com