Electronic Components Datasheet Search
  English  ▼

X  

BLF888E Datasheet(PDF) 1 Page - Ampleon Netherlands B.V.

Part # BLF888E
Description  UHF power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPLEON [Ampleon Netherlands B.V.]
Direct Link  https://www.ampleon.com
Logo AMPLEON - Ampleon Netherlands B.V.

BLF888E Datasheet(HTML) 1 Page - Ampleon Netherlands B.V.

  BLF888E Datasheet HTML 1Page - Ampleon Netherlands B.V. BLF888E Datasheet HTML 2Page - Ampleon Netherlands B.V. BLF888E Datasheet HTML 3Page - Ampleon Netherlands B.V. BLF888E Datasheet HTML 4Page - Ampleon Netherlands B.V. BLF888E Datasheet HTML 5Page - Ampleon Netherlands B.V. BLF888E Datasheet HTML 6Page - Ampleon Netherlands B.V. BLF888E Datasheet HTML 7Page - Ampleon Netherlands B.V. BLF888E Datasheet HTML 8Page - Ampleon Netherlands B.V. BLF888E Datasheet HTML 9Page - Ampleon Netherlands B.V. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1. Product profile
1.1 General description
A 750 W LDMOS RF power transistor for asymmetrical broadcast Doherty transmitter
applications which operates at 150 W DVB-T average power. The excellent ruggedness of
this device makes it ideal for digital and analog transmitter applications.
[1]
PAR (of output signal) at 0.01 % probability on CCDF; PAR of input signal = 9.5 dB at 0.01 % probability on
CCDF.
1.2 Features and benefits
Designed for asymmetric Doherty operation
Very high efficiency enabling air cooled high power transmitters
Integrated ESD protection
Excellent ruggedness
High power gain
Excellent reliability
Easy power control
Compliant to Directive 2002/95/EC, regarding Restriction of Hazardous Substances
(RoHS)
1.3 Applications
Broadcast transmitter applications in the UHF band
Digital broadcasting
BLF888E; BLF888ES
UHF power LDMOS transistor
Rev. 2 — 30 August 2016
Product data sheet
Table 1.
Application information
RF performance at VDS = 50 V in an asymmetrical Doherty application.
Test signal
f
PL(AV)
Gp
D
IMDshldr
PAR
(MHz)
(W)
(dB)
(%)
(dBc)
(dB)
DVB-T (8k OFDM)
470 to 608
150
17
52
38
8 [1]
600 to 700
150
17
50
38
8 [1]
650 to 790
150
15
49
38
8 [1]


Similar Part No. - BLF888E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF888 NXP-BLF888 Datasheet
435Kb / 17P
UHF power LDMOS transistor
Rev. 04-29 April 2010
BLF888 PHILIPS-BLF888 Datasheet
173Kb / 17P
UHF power LDMOS transistor
Rev. 5-21 January 2011
BLF888 NXP-BLF888 Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
BLF888A PHILIPS-BLF888A Datasheet
443Kb / 17P
UHF power LDMOS transistor
Rev. 3-30 August 2011
BLF888A NXP-BLF888A Datasheet
9Mb / 130P
RF Manual 16th edition
June 2012
More results

Similar Description - BLF888E

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF2047 PHILIPS-BLF2047 Datasheet
101Kb / 12P
UHF power LDMOS transistor
1999 Dec 02
BLF2047L PHILIPS-BLF2047L Datasheet
103Kb / 12P
UHF power LDMOS transistor
1999 Dec 06
logo
Analog Devices
BLC6G20-140 AD-BLC6G20-140 Datasheet
51Kb / 9P
UHF power LDMOS transistor
30-Jan-2006
logo
NXP Semiconductors
BLF6G20-45 PHILIPS-BLF6G20-45 Datasheet
46Kb / 8P
UHF power LDMOS transistor
Rev. 01-20 February 2006
BLF6G20-180P PHILIPS-BLF6G20-180P Datasheet
49Kb / 8P
UHF power LDMOS transistor
Rev. 01-19 April 2006
BLF4G10-120 PHILIPS-BLF4G10-120 Datasheet
115Kb / 14P
UHF power LDMOS transistor
Rev. 01-10 January 2006
BLF878 NXP-BLF878 Datasheet
147Kb / 18P
UHF power LDMOS transistor
Rev. 01-15 December 2008
BLF881_1012 PHILIPS-BLF881_1012 Datasheet
202Kb / 18P
UHF power LDMOS transistor
Rev. 3-7 December 2010
logo
New Jersey Semi-Conduct...
BLF861A NJSEMI-BLF861A Datasheet
100Kb / 2P
UHF power LDMOS transistor
logo
Quanzhou Jinmei Electro...
BLF872_2015 JMNIC-BLF872_2015 Datasheet
159Kb / 16P
UHF power LDMOS transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com