Electronic Components Datasheet Search
  English  ▼

X  

PQ25181DLHT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # PQ25181DLHT
Description  BQ25181 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PQ25181DLHT Datasheet(HTML) 13 Page - Texas Instruments

Back Button PQ25181DLHT Datasheet HTML 9Page - Texas Instruments PQ25181DLHT Datasheet HTML 10Page - Texas Instruments PQ25181DLHT Datasheet HTML 11Page - Texas Instruments PQ25181DLHT Datasheet HTML 12Page - Texas Instruments PQ25181DLHT Datasheet HTML 13Page - Texas Instruments PQ25181DLHT Datasheet HTML 14Page - Texas Instruments PQ25181DLHT Datasheet HTML 15Page - Texas Instruments PQ25181DLHT Datasheet HTML 16Page - Texas Instruments PQ25181DLHT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Termination is only enabled when the charger CV loop is active in fast charge operation. Termination is disabled
if the charge current reaches ITERM while the VINDPM, DPPM, or thermal regulation loops are active. The
charger will only go into the termination when the current drops to ITERM due to the battery reaching the target
voltage and not due to the charge current limitation imposed by the previously mentioned controlled loops.
Post termination, the battery FET is disabled and the voltage on BAT pin is monitored to check if it has dropped
to the VRCH threshold. If it does, a new charge cycle is established. The safety timers are reset. During charging
or even when charge is done, a higher SYS load will be supported through the supplement operation.
The following figure illustrates the charging process flow.
VBAT < VLOWV
&
VBAT > VBATSC
Start Precharge
Connect VIN
Precharge safety timer
expired?
Stop Charging and
interrupt
Charging or VIN toggled
VBAT > VLOWV
Start FastCharge
Icharge set by I2C
IBAT < ITERM
Fast Charge
safety timer
expired?
Charge Done (Set
bit, interrupt, and
disconnect
BATFET)
VBAT < VRCH
Yes
No
Yes
No
Yes
No
Yes
No
Yes
No
Yes
No
Yes
Figure 8-2. Charger Flow Diagram
www.ti.com
BQ25181
SLUSEH3 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: BQ25181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com