Electronic Components Datasheet Search
  English  ▼

X  

PQ25181DLHT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PQ25181DLHT
Description  BQ25181 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PQ25181DLHT Datasheet(HTML) 21 Page - Texas Instruments

Back Button PQ25181DLHT Datasheet HTML 17Page - Texas Instruments PQ25181DLHT Datasheet HTML 18Page - Texas Instruments PQ25181DLHT Datasheet HTML 19Page - Texas Instruments PQ25181DLHT Datasheet HTML 20Page - Texas Instruments PQ25181DLHT Datasheet HTML 21Page - Texas Instruments PQ25181DLHT Datasheet HTML 22Page - Texas Instruments PQ25181DLHT Datasheet HTML 23Page - Texas Instruments PQ25181DLHT Datasheet HTML 24Page - Texas Instruments PQ25181DLHT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
The /INT pin is normally in high impedance and is pulled low for 128 μs when an interrupt condition occurs.
When a fault or status change occurs or any other condition that generates an interrupt, a 128-μs pulse (/INT pin
pulled down) is sent on /INT to notify the host.
Interrupts can be masked through I2C. If the interrupt condition occurs while the interrupt is masked an interrupt
pulse will not be sent. If the interrupt is unmasked while the fault condition is still present, an interrupt pulse
will not be sent until the /INT trigger condition occurs while unmasked. Below are a list of interrupts that can be
masked through I2C.
Table 8-6. Mask Bit
MASK BIT
ACTION
ILIM_INT_MASK
Do not issue an /INT pulse when ILIM limiting occurs
VDPM_INT_MASK
Do not issue an /INT pulse when VINDPM or DDPM is active
TS_INT_MASK
Do not issue an /INT pulse when any of the TS events have occured.
TREG_INT_MASK
Do not issue an /INT pulse when TREG is actively reducing the current
PG_INT_MASK
Do not issue an /INT pulse when VIN meets VIN_PG condition
BAT_INT_MASK
Do not issue an /INT pulse when BATOCP or BUVLO event is triggered
CHG_STATUS_INT_MASK
Do not send an interrupt anytime there is a charging status change.
8.3.13 Power Good (/PG_GPO) Pin
The /PG_GPO pin is an open-drain output that by default indicates when a valid IN supply is present. It can also
be configured to be a general purpose output (GPO) controlled through I2C. Connect /PG_GPO to the desired
logic voltage rail using a 1-kΩ to 100-kΩ resistor, or use with an LED for visual indication.
Below is the description for each configuration:
• In its default state, /PG_GPO pulls to GND when the following conditions are met: VIN > VINUVLO, VIN >
VBAT+VSLEEP and VIN < VIN_OVP. /PG_GPO is high impedance when the input power is not within specified
limits. PG_Mode is set to b0 to indicate the state of VIN.
• General purpose open drain output when setting the PG_MODE bits to b1. The state of the /PG_GPO pin is
then controlled through the PG_GPO bit, where if PG_GPO is b0 , the /PG_GPO pin is high impedance and if
it is b1, the /PG_GPO pin is low.
8.3.14 External NTC Monitoring (TS)
8.3.14.1 TS Biasing and Function
The device can be configured to meet JEITA requirements or a simpler HOT/COLD function only. Additionally,
the TS charger control function can be disabled through the TS_EN bit. This will only disable the TS charge
action but the faults are still reported based on the TS voltage. To satisfy the JEITA requirements, four
temperature thresholds are monitored: cold battery threshold, cool battery threshold, warm battery threshold,
and hot battery threshold. These temperatures correspond to the VCOLD, VCOOL, VWARM, and VHOT
thresholds in the Electrical Characteristics table. Charging and safety timers are suspended when VTS < VHOT
or VTS > VCOLD. When VCOOL < VTS < VCOLD, the charging current is reduced to the value programmed in the
TS_Setting register/bit TS_ICHG_0. When VHOT < VTS < VWARM, the battery regulation voltage is reduced by 100
mV or 200 mV based on the value programmed in the TS_VRCG_0 bit within the TS_Setting register.
For devices where the TS function is not needed, tie a 10-kΩ resistor to the TS pin.
There is an active voltage clamp present on this device which will prevent the voltage on the TSMR pin from
rising above the VTS_CLAMP threshold. This will particularly be ON when the TSMR pin is floating. The bit
TS_OPEN_STAT is set when this clamp is active. This will also be ON regardless of the TS_EN bit. The interrupt
is asserted as long as the TS_INT mask is not written.
www.ti.com
BQ25181
SLUSEH3 – APRIL 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: BQ25181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com